Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices SC3200 Datasheet HTML 72Page - Advanced Micro Devices SC3200 Datasheet HTML 73Page - Advanced Micro Devices SC3200 Datasheet HTML 74Page - Advanced Micro Devices SC3200 Datasheet HTML 75Page - Advanced Micro Devices SC3200 Datasheet HTML 76Page - Advanced Micro Devices SC3200 Datasheet HTML 77Page - Advanced Micro Devices SC3200 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 447 page
background image
74
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
IRQ9
C22
AA3
I
Interrupt 9 Request Input. Active high.
Note:
If IRQ9 function is selected but not
used, tie IRQ9 low.
IDE_DATA6
IOCHRDY
H4
C9
I
I/O Channel Ready
Note:
If IOCHRDY function is selected but
not used, tie IOCHRDY high.
GPIO19+INTC#
3.4.7
Sub-ISA Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
3.4.8
Low Pin Count (LPC) Bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
LAD3
AJ10
L29
I/O
LPC Address-Data. Multiplexed command,
address, bidirectional data, and cycle status.
GPIO35
LAD2
AK10
L30
GPIO34
LAD1
AL10
L31
GPIO33
LAD0
AJ11
M28
GPIO32
LDRQ#
AL9
L28
I
LPC DMA Request. Encoded DMA request
for LPC interface.
Note:
If LDRQ# function is selected but not
used, tie LDRQ# high.
GPIO36
LFRAME#
AK9
K31
O
LPC Frame. A low pulse indicates the begin-
ning of a new LPC cycle or termination of a
broken cycle.
GPIO37
LPCPD#
AJ9
K28
O
LPC Power-Down. Signals the LPC device
to prepare for power shut-down on the LPC
interface.
GPIO38/IRRX2
SERIRQ
AL8
J31
I/O
Serial IRQ. The interrupt requests are serial-
ized over a single signal, where each IRQ
level is delivered during a designated time
slot.
Note:
If SERIRQ function is selected but
not used, tie SERIRQ high.
GPIO39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com