Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 49Page - Advanced Micro Devices SC3200 Datasheet HTML 50Page - Advanced Micro Devices SC3200 Datasheet HTML 51Page - Advanced Micro Devices SC3200 Datasheet HTML 52Page - Advanced Micro Devices SC3200 Datasheet HTML 53Page - Advanced Micro Devices SC3200 Datasheet HTML 54Page - Advanced Micro Devices SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
53
Signal Definitions
Revision 5.1
AL215
MD40
I/O
INT,
TS2/5
VIO
---
AL22
CKEA
O
O2/5
VIO
---
AL23
MA7
O
O2/5
VIO
---
AL24
MA4
O
O2/5
VIO
---
AL255
MD8
I/O
INT,
TS2/5
VIO
---
AL265
MD10
I/O
INT,
TS2/5
VIO
---
AL275
MD9
I/O
INT,
TS2/5
VIO
---
AL28
MA12
O
O2/5
VIO
---
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
AL295
MD23
I/O
INT,
TS2/5
VIO
---
AL30
VIO
PWR
---
---
---
AL31
VSS
GND
---
---
---
1.
For Buffer Type definitions, refer to Table 9-10 "Buffer Types" on page
375.
2.
Is 5V tolerant (ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#,
PD[7:0], PE, SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#,
PWRCNT[2:1]).
3.
The TFT_PRSNT strap determines the power-on reset (POR) state of
PMR[23].
4.
The LPC_ROM strap determines the power-on reset (POR) state of
PMR[14] and PMR[22].
5.
Is back-drive protected (MD[63:0], DPOS_PORT1, DNEG_PORT1,
DPOS_PORT2, DNEG_PORT2, DPOS_PORT3, DNEG_PORT3,
ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#, PD[7:0], PE,
SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#, PWRCNT[2:1]).
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
Table 3-4.
481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com