Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 59Page - Advanced Micro Devices SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
63
Signal Definitions
Revision 5.1
3.4
Signal Descriptions
Information in the tables that follow may have duplicate information in multiple tables. Multiple references all contain identi-
cal information.
3.4.1
System Interface
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
CLKSEL1
B27
AF3
I
Fast-PCI Clock Selects. These strap signals
are used to set the internal Fast-PCI clock.
00 = 33.3 MHz
01 = 48 MHz
10 = 66.7 MHz
11 = 33.3 MHz
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SOUT1
CLKSEL0
F3
B8
RD#
CLKSEL3
AL13
P30
I
Maximum Core Clock Multiplier. These
strap signals are used to set the maximum
allowed multiplier value for the core clock.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SYNC
CLKSEL2
AK3
D29
SOUT2
BOOT16
G4
C8
I
Boot ROM is 16 Bits Wide. This strap signal
enables the optional 16-bit wide Sub-ISA
bus.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
ROMCS#
LPC_ROM
E4
D6
I
LPC_ROM. This strap signal forces selecting
of the LPC bus and sets bit F0BAR1+I/O Off-
set 10h[15], LPC ROM Addressing Enable. It
enables the SC3200 to boot from a ROM
connected to the LPC bus.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
PCICLK1
TFT_PRSNT
AK13
P29
I
TFT Present. A strap used to select multi-
plexing of TFT signals at power-up. Enables
using TFT instead of Parallel Port, ACB1,
and GPIO17.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SDATA_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com