Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 33Page - Advanced Micro Devices SC3200 Datasheet HTML 34Page - Advanced Micro Devices SC3200 Datasheet HTML 35Page - Advanced Micro Devices SC3200 Datasheet HTML 36Page - Advanced Micro Devices SC3200 Datasheet HTML 37Page - Advanced Micro Devices SC3200 Datasheet HTML 38Page - Advanced Micro Devices SC3200 Datasheet HTML 39Page - Advanced Micro Devices SC3200 Datasheet HTML 40Page - Advanced Micro Devices SC3200 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
37
Signal Definitions
Revision 5.1
AK233
MD30
I/O
INT, TS2/5
VIO
---
AK243
MD53
I/O
INT, TS2/5
VIO
---
AK25
VIO
PWR
---
---
---
AK26
VSS
GND
---
---
---
AK273
MD21
I/O
INT, TS2/5
VIO
---
AK283
MD18
I/O
INT, TS2/5
VIO
---
AK29
CS1#
O
O2/5
VIO
---
AK30
VSS
GND
---
---
---
AK31
VIO
PWR
---
---
---
AL1
VSS
GND
---
---
---
AL2
VIO
PWR
---
---
---
AL3
TDN
I/O
WIRE
VIO
---
AL4
TCK
I
(PU22.5)
INPCI
VIO
---
AL5
GTEST
I
(PD22.5)
INT
VIO
---
AL6
VPD5
I
INT
VIO
---
AL7
VPD3
I
INT
VIO
---
AL8
GPIO39
I/O
(PU22.5)
INPCI,
OPCI
VIO
PMR[14]5 = 0 and
PMR[22]5 = 0
SERIRQ
I/O
INPCI,
OPCI
PMR[14]5 = 1 and
PMR[22]5 = 1
AL9
GPIO36
I/O
(PU22.5)
INPCI,
OPCI
VIO
PMR[14]5 = 0 and
PMR[22]5 = 0
LDRQ#
I
INPCI
PMR[14]5 = 1 and
PMR[22]5 = 1
AL10
GPIO33
I/O
(PU22.5)
INPCI,
OPCI
VIO
PMR[14]5 = 0 and
PMR[22]5 = 0
LAD1
I/O
(PU22.5)
INPCI,
OPCI
PMR[14]5 = 1 and
PMR[22]5 = 1
AL11
GPIO13
I/O
(PU22.5)
INAB, O8/
8
VIO
PMR[19] = 0
AB2D
I/O
(PU22.5)
INAB,
OD8
VIO
PMR[19] = 1
AL12
AB1D
I/O
(PU22.5)
INAB,
OD8
VIO
PMR[23]2 = 0
GPIO1
I/O
(PU22.5)
INT, O3/5
PMR[23]2 = 1and
PMR[13] = 0
IOCS1#
O
O3/5
PMR[23]2 = 1 and
PMR[13] = 1
AL13
SYNC
O
OAC97
VIO
---
CLKSEL3
I
(PD100)
INSTRP
Strap (See Table
3-6 on page 58.)
AL14
BIT_CLK
I
INT
VIO
FPCI_MON = 0
F_TRDY#
O
O1/4
FPCI_MON = 1
AL15
GPIO16
I/O
(PU22.5)
INT, O2/5
VIO
PMR[0] = 0 and
FPCI_MON = 0
PC_BEEP
O
O2/5
PMR[0] = 1 = 0
and FPCI_MON =
0
F_DEVSEL#
O
O2/5
FPCI_MON = 1
Ball
No.
Signal Name
I/O
(PU/
PD)
Buffer1
Type
Power
Rail
Configuration
AL16
GXCLK
O
O2/5
VIO
PMR[23]2 = 0 and
PMR[29] = 0
FP_VDD_ON
O
O1/4
PMR[23]2 = 1
TEST3
O
O2/5
PMR[23]2 = 0 and
PMR[29] = 1 and
AL173
MD57
I/O
INT, TS2/5
VIO
---
AL183
MD60
I/O
INT, TS2/5
VIO
---
AL193
MD63
I/O
INT, TS2/5
VIO
---
AL20
SDCLK2
O
O2/5
VIO
---
AL213
MD24
I/O
INT, TS2/5
VIO
---
AL223
MD27
I/O
INT, TS2/5
VIO
---
AL233
MD31
I/O
INT, TS2/5
VIO
---
AL243
MD52
I/O
INT, TS2/5
VIO
---
AL253
MD49
I/O
INT, TS2/5
VIO
---
AL26
DQM2
O
O2/5
VIO
---
AL273
MD20
I/O
INT, TS2/5
VIO
---
AL283
MD17
I/O
INT, TS2/5
VIO
---
AL293
MD16
I/O
INT, TS2/5
VIO
---
AL30
VIO
PWR
---
---
---
AL31
VSS
GND
---
---
---
1.
For Buffer Type definitions, refer to Table 9-10 "Buffer Types" on page
375.
2.
The TFT_PRSNT strap determines the power-on reset (POR) state of
PMR[23].
3.
Is back-drive protected (MD[63:0], DPOS_PORT1, DNEG_PORT1,
DPOS_PORT2, DNEG_PORT2, DPOS_PORT3, DNEG_PORT3,
ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#, PD[7:0], PE,
SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#, PWRCNT[2:1]).
4.
Is 5V tolerant (ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#,
PD[7:0], PE, SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#,
PWRCNT[2:1]).
5.
The LPC_ROM strap determines the power-on reset (POR) state of
PMR[14] and PMR[22].
Ball
No.
Signal Name
I/O
(PU/
PD)
Buffer1
Type
Power
Rail
Configuration
Table 3-2.
432-EBGA Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com