Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 72Page - Advanced Micro Devices SC3200 Datasheet HTML 73Page - Advanced Micro Devices SC3200 Datasheet HTML 74Page - Advanced Micro Devices SC3200 Datasheet HTML 75Page - Advanced Micro Devices SC3200 Datasheet HTML 76Page - Advanced Micro Devices SC3200 Datasheet HTML 77Page - Advanced Micro Devices SC3200 Datasheet HTML 78Page - Advanced Micro Devices SC3200 Datasheet HTML 79Page - Advanced Micro Devices SC3200 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 447 page
background image
76
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
IRQ14
D25
AF1
I
Interrupt Request Channels 0 and 1.
These input signals are edge-sensitive inter-
rupts that indicate when the IDE device is
requesting a CPU interrupt service.
Note:
If selected as IRQ14/IRQ15 function
but not used, tie IRQ14/IRQ15 low.
TFTD1
IRQ15
H30
AJ8
I
GPIO11+RI2#
3.4.9
IDE Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
3.4.10
Universal Serial Bus (USB) Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
POWER_EN
B28
AH1
O
Power Enable. This signal enables the
power to a self-powered USB hub.
---
OVER_CUR#
C27
AF4
I
Overcurrent. This signal indicates that the
USB hub has detected an overcurrent on the
USB.
---
DPOS_PORT1
AH2
A28
I/O
USB Port 1 Data Positive for Port 1.1
---
DNEG_PORT1
AG3
A29
I/O
USB Port 1 Data Negative for port 1.1
---
DPOS_PORT2
AH1
B27
I/O
USB Port 2 Data Positive for Port 2.1
---
DNEG_PORT2
AG2
B28
I/O
USB Port 2 Data Negative for Port 2.1
---
DPOS_PORT3
AE4
A26
I/O
USB Port 3 Data Positive for Port 3.1
---
DNEG_PORT3
AF3
A27
I/O
USB Port 3 Data Negative for Port 3.1
---
1.
A 15K ohm pull-down resistor is required on all ports (even if unused).
3.4.11
Serial Ports (UARTs) Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
SIN1
D26
AG2
I
Serial Inputs. Receive composite serial data
from the communications link (peripheral
device, modem or other data transfer
device).
Note:
If selected as SIN2 or SIN3 func-
tion(s) but not used, then signal(s)
should be tied high.
---
SIN2
AJ4
E28
SDTEST3
SIN3
J28
AK8
IRRX1
SOUT1
B27
AF3
O
Serial Outputs. Send composite serial data
to the communications link (peripheral
device, modem or other data transfer
device). These signals are set active high
after a system reset.
CLKSEL1 (Strap)
SOUT2
AK3
D29
CLKSEL2 (Strap)
SOUT3
J3
C11
IRTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com