Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 90Page - Advanced Micro Devices SC3200 Datasheet HTML 91Page - Advanced Micro Devices SC3200 Datasheet HTML 92Page - Advanced Micro Devices SC3200 Datasheet HTML 93Page - Advanced Micro Devices SC3200 Datasheet HTML 94Page - Advanced Micro Devices SC3200 Datasheet HTML 95Page - Advanced Micro Devices SC3200 Datasheet HTML 96Page - Advanced Micro Devices SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 447 page
background image
94
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
0
SDBE0 (Slave Disconnect Boundary Enable). Works in conjunction with the GX1 module’s PCI Control Function 2 Regis-
ter (Index 41h), bit 1 (SDBE1). Sets boundaries for when the GX1 module is a PCI slave.
SDBE[1:0]
00: Read and Write disconnect on boundaries set by bits [3:2] of the GX1 module’s PCI Control Function 2 register (Index
41h).
01: Write disconnects on boundaries set by bits [3:2] of the GX1 module’s PCI Control Function 2 register. Read discon-
nects on cache line boundary of 16 bytes.
1x: Read and Write disconnect on cache line boundary of 16 bytes.
This bit is reset to 1.
All PCI bus masters (including SC3200’s on-chip PCI bus masters, e.g., the USB Controller) must be disabled while modify-
ing this bit. When accessing this register while any PCI bus master is enabled, use read-modify-write to ensure these bit
contents are unchanged.
Offset 38h
Interrupt Selection Register - INTSEL (R/W)
Reset Value: 00h
This register selects the IRQ signal of the combined WATCHDOG and High-Resolution timer interrupt. This interrupt is shareable with
other interrupt sources.
7:4
Reserved. Write as read.
3:0
CBIRQ. Configuration Block Interrupt.
0000: Disable
0100: IRQ4
1000: IRQ8#
1100: IRQ12
0001: IRQ1
0101: IRQ5
1001: IRQ9
1101: Reserved
0010: Reserved
0110: IRQ6
1010: IRQ10
1110: IRQ14
0011: IRQ3
0111: IRQ7
1011: IRQ11
1111: IRQ15
Offset 39h-3Bh
Reserved - RSVD
Offset 3Ch
Device Identification Number Register - ID (RO)
Reset Value: xxh
This register identifies the device. SC3200 = 04h.
Offset 3Dh
Revision Register - REV (RO)
Reset Value: xxh
This register identifies the device revision. See the AMD Geode™ SC3200 Specification Update document for value.
Offset 3Eh-3Fh
Configuration Base Address Register - CBA (RO)
Reset Value: xxh
This register sets the base address of the Configuration block.
15:6
Configuration Base Address. These bits are the high bits of the Configuration Base Address.
5:0
Configuration Base Address. These bits are the low bits of the Configuration Base Address. These bits are set to 0.
Table 4-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com