Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices SC3200 Datasheet HTML 86Page - Advanced Micro Devices SC3200 Datasheet HTML 87Page - Advanced Micro Devices SC3200 Datasheet HTML 88Page - Advanced Micro Devices SC3200 Datasheet HTML 89Page - Advanced Micro Devices SC3200 Datasheet HTML 90Page - Advanced Micro Devices SC3200 Datasheet HTML 91Page - Advanced Micro Devices SC3200 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 447 page
background image
88
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
4.2
Multiplexing, Interrupt Selection, and Base Address Registers
The registers described inTable 4-2 are used to determine
general configuration for the SC3200. These registers also
indicate which multiplexed signals are issued via balls from
which more than one signal may be output. For more infor-
mation about multiplexed signals and the appropriate con-
figurations, see Section 3.1 "Ball Assignments" on page
27.
Table 4-2. Multiplexing, Interrupt Selection, and Base Address Registers
Bit
Description
Offset 30h-33h
Pin Multiplexing Register - PMR (R/W)
Reset Value: 00000000h
This register configures pins with multiple functions. See Section 3.1 on page 27 for more information about multiplexing information.
31:30
Reserved: Always write 0.
29
Test Signals. Selects ball functions.
Ball #
0: Internal Test Signals
1: Internal Test Signals
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
D28 / AH3
PLL2B
None
TEST0
None
C28 / AG4
PLL6B
None
TEST1
None
B29 / AJ1
PLL5B
None
TEST2
None
AL16 / V30
GXCLK
See PMR[23]
TEST3
PMR[23] = 0
28
Test Signals. Selects ball function.
Ball #
0: AC97 Signal
1: Internal Test Signal
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
AJ4 / E28
SIN2
None
SDTEST3
See Note.
Note:
If this bit is set, PMR[8] and PMR[18] must be set by software.
27
FPCI_MON (Fast-PCI Monitoring). Selects Fast-PCI monitoring output signals instead of Parallel Port signals.
Fast-PCI monitoring output signals can be enabled in two ways: by setting this bit to 1 or by strapping FPCI_MON (EBGA
ball D3 / TEPBGA ball A4) high. (The strapped value can be read back at MCR[30].) Listed below is how these two options
work together and the signals that are enabled (enabling overrides add’l dependencies except FPCI_MON = 1). Note that
the FPCI monitoring signals that are muxed with Audio signals are not enabled via this bit. They are only enabled using the
strap option.
PMR[27] FPCI_MON
0
0
Disable all Fast-PCI monitoring signals
0
1
Enable all Fast-PCI monitoring signals
1
0
Enable Fast-PCI monitoring signals muxed with Parallel Port signals only
1
1
Enable all Fast-PCI monitoring signals
Ball #
EBGA / TEPBGA
FPCI_MON Signal Other Signal
Add’l Dependencies
U3 / B18
FPCICLK
ACK#+TFTDE
See PMR[23]
U1 / A18
F_AD7
PD7+TFTD13
See PMR[23]
V3 / A20
F_AD6
PD6+TFTD1
See PMR[23]
V2 / C19
F_AD5
PD5+TFT11
See PMR[23]
V1 / C18
F_AD4
PD4+TFTD10
See PMR[23]
W2 / C20
F_AD3
PD3+TFTD9
See PMR[23]
W3 / D20
F_AD2
PD2+TFTD8
See PMR[23]
Y1 / A21
F_AD1
PD1+TFTD7
See PMR[23]
AA1 / C21
F_AD0
PD0_TFTD5
See PMR[23]
T4 / C17
F_C/BE3#
SLCT+TFTD15
See PMR[23]
T3 / D17
F_C/BE2#
PE+TFTD14
See PMR[23]
T1 / B17
F_C/BE1#
BUSY/WAIT#+TFTD3
See PMR[23]
AA3 / D21
F_C/BE0#
ERR#+TFTD4
See PMR[23]
AB1 / A22
F_FRAME#
STB#/WRITE#+TFTD7
See PMR[23]
W1 / B20
F_IRDY#
SLIN#/ASTRB#+TFTD16
See PMR[23]
AB2 / D22
INTR_O
AFD#/DSTRB#+TFTD2
See PMR[23]
Y3 / B21
SMI_O
INIT#+TFTD5
See PMR[23]
AL15 / V31
F_DEVSEL#
GPIO16+PC_BEEP
FPCI_MON = 1 and see PMR[0]
AJ15 / U29
F_STOP#
AC97_RST#
FPCI_MON = 1
AK14 / U31
F_GNT0#
SDATA_IN
FPCI_MON = 1
AL14 / U30
F_TRDY#
BIT_CLK
FPCI_MON = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com