Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 13Page - Advanced Micro Devices SC3200 Datasheet HTML 14Page - Advanced Micro Devices SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices SC3200 Datasheet HTML 20Page - Advanced Micro Devices SC3200 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
17
2
Architecture Overview
Revision 5.1
2.0Architecture Overview
As illustrated in Figure 1-1 on page 13, the SC3200 pro-
cessor contains the following modules in one integrated
device:
• GX1 Module:
— Combines advanced CPU performance with MMX
support, fully accelerated 2D graphics, a 64-bit
synchronous DRAM (SDRAM) interface and a PCI
bus controller. Integrates GX1 silicon revision 8.1.1.
• Video Processor Module:
— A low-power TFT support module with a video input
port, and a hardware video accelerator for scaling,
filtering and color space conversion.
• Core Logic Module:
— Includes PC/AT functionality, an IDE interface, a
Universal Serial Bus (USB) interface, ACPI v1.0
compliant power management, and an audio codec
interface.
• SuperI/O Module:
— Includes two Serial Ports, an Infrared (IR) Port, a
Parallel Port, two ACCESS.bus interfaces, and a
Real-Time Clock (RTC).
2.1
GX1 Module
The GX1 processor (silicon revision 8.1.1) is the central
module of the SC3200. For detailed information regarding
the GX1 module, refer to the AMD Geode™ GX1 Proces-
sor Data Book and the AMD Geode™ GX1 Processor Sili-
con Revision 8.1.1 Specification Update documents.
The SC3200 processor’s device ID is contained in the GX1
module. Software can detect the revision by reading the
DIR0 and DIR1 Configuration registers (see Configuration
registers in the AMD Geode™ GX1 Processor Data Book).
The AMD Geode™ SC3200 Specification Update docu-
ment contains the specific values.
2.1.1
Memory Controller
The GX1 module is connected to external SDRAM devices.
For more information see Section 3.4.2 "Memory Interface
Signals" on page 65, and the “Memory Controller” chapter
in the AMD Geode™ GX1 Processor Data Book.
There are some differences in the SC3200 processor’s
memory controller and the stand-alone GX1 processor’s
memory controller:
1)
There is drive strength/slew control in the SC3200 that
is not in the GX1. The bits that control this function are
in the MC_MEM_CNTRL1 and MC_MEM_CNTRL2
registers. In the GX1 processor, these bits are marked
as reserved.
2)
The SC3200 supports two banks of memory. The GX1
supports four banks of memory. In addition, the
SC3200 supports a maximum of eight devices and the
GX1 supports up to 32 devices. With this difference,
the MC_BANK_CFG register is different.
Table 2-1 summarizes the 32-bit registers contained in the
SC3200 processor’s memory controller. Table 2-2 gives
detailed register/bit formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com