Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices SC3200 Datasheet HTML 72Page - Advanced Micro Devices SC3200 Datasheet HTML 73Page - Advanced Micro Devices SC3200 Datasheet HTML 74Page - Advanced Micro Devices SC3200 Datasheet HTML 75Page - Advanced Micro Devices SC3200 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 447 page
background image
72
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
SERR#
A9
H1
I/O
System Error. SERR# can be asserted by
any agent for reporting errors other than PCI
parity. When the PFS bit is enabled in the
GX1 module’s PCI Control Function 2 regis-
ter (Index 41h[5]), SERR# is asserted upon
assertion of PERR#.
This signal is internally connected to a pull-
up resistor.
---
REQ1#
E3
A5
I
Request Lines. REQ[1:0]# indicate to the
arbiter that an agent requires the bus. Each
master has its own REQ# line. REQ# priori-
ties (in order) are:
1)
VIP
2)
IDE Channel 0
3)
IDE Channel 1
4)
Audio
5)
USB
6)
External REQ0#
7)
External REQ1#.
Each REQ# is internally connected to a pull-
up resistor.
---
REQ0#
C1
B5
---
GNT1#
D2
C6
O
Grant Lines. GNT[1:0]# indicate to the
requesting master that it has been granted
access to the bus. Each master has its own
GNT# line. GNT# can be retracted at any
time a higher REQ# is received or if the mas-
ter does not begin a cycle within a minimum
period of time (16 PCI clocks).
Each of these signals is internally connected
to a pull-up resistor.
GNT0# must have a pull-up resistor of 1.5
K
Ω and GNT1# must have a pull-up resistor
of 1.5 K
Ω.
DID1 (Strap)
GNT0#
D4
C5
DID0 (Strap)
3.4.6
PCI Bus Interface Signals (Continued)
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com