Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 10Page - Advanced Micro Devices SC3200 Datasheet HTML 11Page - Advanced Micro Devices SC3200 Datasheet HTML 12Page - Advanced Micro Devices SC3200 Datasheet HTML 13Page - Advanced Micro Devices SC3200 Datasheet HTML 14Page - Advanced Micro Devices SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 447 page
background image
14
AMD Geode™ SC3200 Processor Data Book
AMD Geode™ SC3200 Processor
Revision 5.1
1.2
Features
General Features
■ 32-Bit x86 processor, up to 266 MHz, with MMX instruc-
tion set support
■ Memory controller with 64-bit SDRAM interface
■ 2D graphics accelerator
■ CCIR-656 video input port with direct video for full
screen display
■ PC/AT functionality
■ PCI bus controller
■ IDE interface, two channels
■ USB, three ports, OHCI (OpenHost Controller Interface)
version 1.0 compliant
■ Audio, AC97/AMC97 version 2.0 compliant
■ Virtual System Architecture™ (VSA) technology support
■ Power management, ACPI (Advanced Configuration
Power Interface) version 1.0 compliant
■ Package:
— 432-Terminal EBGA (Enhanced Ball Grid Array)
— 481-Terminal TEPBGA (Thermally Enhanced Plastic
Ball Grid Array)
GX1 Processor Module
■ CPU Core:
— 32-Bit x86, 266 MHz, with MMX compatible instruc-
tion set support
— 16 KB unified L1 cache
— Integrated FPU (Floating Point Unit)
— Re-entrant SMM (System Management Mode)
enhanced for VSA
■ 2D Graphics Accelerator:
— Accelerates BitBLTs, line draw and text
— Supports all 256 raster operations
— Supports transparent BLTs
— Runs at core clock frequency
■ Memory Controller:
— 64-Bit SDRAM interface
— 66 MHz to 100 MHz frequency range
— Direct interface with CPU/cache, display controller
and 2D graphic accelerator
— Supports clock suspend and power-down/
self-refresh
— Up to two banks of SDRAM (8 devices total) or one
SODIMM
■ Display Controller:
— Hardware graphics frame buffer compress/
decompress
— Hardware cursor, 32x32 pixels
Video Processor Module
■ Video Accelerator:
— Flexible video scaling support of up to 800%
(horizontally and vertically)
— Bilinear interpolation filters (with two taps, and eight
phases) to smooth output video
■ Video/Graphics Mixer:
— 8-bit value alpha blending
— Three blending windows with constant alpha value
— Color key
■ Video Input Port (VIP):
— Video capture or display
— CCIR-656 and VESA Video Interface Port v1.1
compliant
— Lock display timing to video input timing (GenLock)
— Able to transfer video data into main memory
— Direct video transfer for full screen display
— Separate memory location for VBI
■ TFT Interface:
— Direct connection to TFT panels
— 800x600 non-interlaced TFT @ 16 bpp graphics,
up to 85 Hz
— 1024x768 non-interlaced TFT @ 16 bpp graphics,
up to 75 Hz
— TFT on IDE: FPCLK max is 40 MHz
— TFT on Parallel Port: FPCLK max is 80 MHz
Core Logic Module
■ Audio Codec Interface:
— AC97/AMC97 (Rev. 2.0) codec interface
— Six DMA channels
■ PC/AT Functionality:
— Programmable Interrupt Controller (PIC),
8259A-equivalent
— Programmable Interval Timer (PIT), 8254-equivalent
— DMA Controller (DMAC), 8237-equivalent
■ Power Management:
— ACPI v1.0 compliant
— Sx state control of three power planes
— Cx/Sx state control of clocks and PLLs
— Thermal event input
— Wakeup event support:
– Three general-purpose events
– AC97 codec event
– UART2 RI# signal
– Infrared (IR) event
■ General Purpose I/Os (GPIOs):
— 27 multiplexed GPIO signals
■ Low Pin Count (LPC) Bus Interface:
— Specification v1.0 compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com