Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 28Page - Advanced Micro Devices SC3200 Datasheet HTML 29Page - Advanced Micro Devices SC3200 Datasheet HTML 30Page - Advanced Micro Devices SC3200 Datasheet HTML 31Page - Advanced Micro Devices SC3200 Datasheet HTML 32Page - Advanced Micro Devices SC3200 Datasheet HTML 33Page - Advanced Micro Devices SC3200 Datasheet HTML 34Page - Advanced Micro Devices SC3200 Datasheet HTML 35Page - Advanced Micro Devices SC3200 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 447 page
background image
32
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
F3
RD#
O
O3/5
VIO
---
CLKSEL0
I
(PD100)
INSTRP
Strap (See Table
3-6 on page 58.)
F4
AD23
I/O
INPCI,
OPCI
VIO
Cycle Multiplexed
A23
O
OPCI
F28
THRM#
I
INTS
VSB
---
F29
VSB
PWR
---
---
---
F30
VSS
GND
---
---
---
F313, 4
PWRCNT1
O
OD14
VSB
---
G1
WR#
O
O3/5
VIO
G2
VIO
PWR
---
---
---
G3
IOW#
O
O3/5
VIO
PMR[21] = 0 and
PMR[2] = 0
DOCW#
O
O3/5
PMR[21] = 0 and
PMR[2] = 1
GPIO15
I/O
(PU22.5)
INTS, O3/
5
PMR[21] = 1 and
PMR[2] = 1
G4
ROMCS#
O
O3/5
VIO
---
BOOT16
I
(PD100)
INSTRP
VIO
Strap (See Table
3-6 on page 58.)
G28
GPWIO1
I/O
(PU100)
INTs, TS2/
14
VSB
---
G29
GPWIO2
I/O
(PU100)
INTS,
TS2/14
VSB
---
G30
VIO
PWR
---
---
---
G313, 4 PWRCNT2
O
OD14
VSB
---
H1
TRDE#
O
O3/5
VIO
PMR[12] = 0
GPIO0
I/O
(PU22.5)
INTS, O3/
5
VIO
PMR[12] = 1
H2
GPIO1
I/O
(PU22.5)
INT, O3/5
VIO
PMR[23]2 = 0 and
PMR[13] = 0
IOCS1#
O
(PU22.5)
O3/5
VIO
PMR[23]2 = 0 and
PMR[13] = 1
TFTD12
O
(PU22.5)
O1/4
VIO
PMR[23]2 = 1
H3
GPIO20
I/O
(PU22.5)
INT, O3/5
VIO
PMR[23]2 = 0 and
PMR[7] = 0
DOCCS#
O
(PU22.5)
O3/5
PMR[23]2 = 0 and
PMR[7] = 1
TFTD0
O
(PU22.5)
O1/4
PMR[23]2 = 1
H4
GPIO19
I/O
(PU22.5)
INTS, O3/
5
VIO
PMR[9] = 0 and
PMR[4] = 0
INTC#
I
(PU22.5)
INTS
PMR[9] = 0 and
PMR[4] = 1
IOCHRDY
I
(PU22.5)
INTS1
PMR[9] = 1 and
PMR[4] = 1
H28
VSBL
PWR
---
---
---
H29
CLK32
O
O2/5
VSB
---
Ball
No.
Signal Name
I/O
(PU/
PD)
Buffer1
Type
Power
Rail
Configuration
H30
GPIO11
I/O
(PU22.5)
INTS, O8/
8
VIO
PMR[18] = 0 and
PMR[8] = 0
RI2#
I
(PU22.5)
INTS
PMR[18] = 1 and
PMR[8] = 0
IRQ15
I
(PU22.5)
INTS1
PMR[18] = 0 and
PMR[8] = 1
H31
SDATA_IN2
I
INTS
VSB
F3BAR0+Memory
Offset 08h[21] = 1
J1
HSYNC
O
O1/4
VIO
---
J2
VSYNC
O
O1/4
VIO
---
J3
IRTX
O
O8/8
VIO
PMR[6] = 0
SOUT3
O
O8/8
PMR[6] = 1
J4
GPIO17
I/O
(PU22.5)
INTS, O3/
5
VIO
PMR[23]2 = 0 and
PMR[5] = 0
IOCS0#
O
(PU22.5)
O3/5
PMR[23]2 = 0 and
PMR[5] = 1
TFTDCK
O
(PU22.5)
O1/4
PMR[23]2 = 1
J28
IRRX1
I
INTS
VSB
PMR[6] = 0
SIN3
I
INTS
VIO
PMR[6] =1
J29
POR#
I
INTS
VIO
---
J303
MD0
I/O
INT, TS2/5
VIO
---
J313
MD1
I/O
INT, TS2/5
VIO
---
K1
NC
---
---
---
---
K2
VSS
GND
---
---
---
K3
VCORE
PWR
---
---
---
K4
VSS
GND
---
---
---
K28
VSS
GND
---
---
---
K293
MD2
I/O
INT, TS2/5
VIO
---
K303
MD3
I/O
INT, TS2/5
VIO
---
K313
MD4
I/O
INT, TS2/5
VIO
---
L1
VSS
GND
---
---
---
L2
VSS
GND
---
---
---
L3
VIO
PWR
---
---
---
L4
VCORE
PWR
---
---
---
L28
VCORE
PWR
---
---
---
L293
MD5
I/O
INT, TS2/5
VIO
---
L30
VSS
GND
---
---
---
L313
MD6
I/O
INT, TS2/5
VIO
---
M1
VIO
PWR
---
---
---
M2
VIO
PWR
---
---
---
M3
NC
---
---
---
---
M4
VSS
GND
---
---
---
M28
VSS
GND
---
---
---
M293
MD7
I/O
INT, TS2/5
VIO
---
M30
VIO
PWR
---
---
---
M31
DQM0
O
O2/5
VIO
---
N1
VIO
PWR
---
---
---
N2
NC
---
---
---
---
Ball
No.
Signal Name
I/O
(PU/
PD)
Buffer1
Type
Power
Rail
Configuration
Table 3-2.
432-EBGA Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com