Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 11Page - Advanced Micro Devices SC3200 Datasheet HTML 12Page - Advanced Micro Devices SC3200 Datasheet HTML 13Page - Advanced Micro Devices SC3200 Datasheet HTML 14Page - Advanced Micro Devices SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
15
AMD Geode™ SC3200 Processor
Revision 5.1
■ PCI Bus Interface:
— PCI v2.1 compliant with wakeup capability
— 32-Bit data path, up to 33 MHz
— Glueless interface for an external PCI device
— Fixed priority
— 3.3V signal support only
■ Sub-ISA Bus Interface:
— Up to 16 MB addressing
— Supports a chip select for ROM or Flash EPROM
boot device
— Supports either:
– M-Systems DiskOnChip DOC2000 Flash file
system
– NAND EEPROM
— Supports up to two chip selects for external I/O
devices
— 8-Bit (optional 16-bit) data bus width
— Shares balls with PCI signals
— Is not a subtractive agent
■ IDE Interface:
— Two IDE channels for up to four external IDE devices
— Supports ATA-33 synchronous DMA mode transfers,
up to 33 MB/s
■ Universal Serial Bus (USB):
— USB OpenHCI v1.0 compliant
— Three ports
SuperI/O Module
■ Real-Time Clock (RTC):
— DS1287, MC146818 and PC87911 compatible
— Multi-century calendar
■ ACCESS.bus (ACB) Interface:
— Two ACB interface ports
■ Parallel Port:
— EPP 1.9 compliant
— IEEE 1284 ECP compliant, including level 2
■ Serial Port (UART):
— UART1, 16550A compatible (SIN, SOUT, BOUT
pins), used for SmartCard interface
— UART2, 16550A compatible
— Enhanced UART with fast Infrared (IR)
Other Features
■ High-Resolution Timer:
— 32-Bit counter with 1
µs count interval
■ WATCHDOG Timer:
— Interfaces to INTR, SMI, Reset
■ Clocks:
— Input (external crystals):
– 32.768 KHz (internal clock oscillator)
– 27 MHz (internal clock oscillator)
—Output:
– AC97 clock (24.576 MHz)
– Memory controller clock (66 MHz to 100 MHz)
– PCI clock (33 MHz)
■ JTAG Testability:
— Bypass, Extest, Sample/Preload, IDcode, Clamp, HiZ
■ Voltages
— Internal logic: 266 or 233 MHz @ 1.8V
— Standby logic: 266 or 233 MHz @ 1.8V
— I/O: 3.3V
— Standby I/O: 3.3V
— Battery (if used): 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com