Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 88Page - Advanced Micro Devices SC3200 Datasheet HTML 89Page - Advanced Micro Devices SC3200 Datasheet HTML 90Page - Advanced Micro Devices SC3200 Datasheet HTML 91Page - Advanced Micro Devices SC3200 Datasheet HTML 92Page - Advanced Micro Devices SC3200 Datasheet HTML 93Page - Advanced Micro Devices SC3200 Datasheet HTML 94Page - Advanced Micro Devices SC3200 Datasheet HTML 95Page - Advanced Micro Devices SC3200 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 447 page
background image
92
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
12
TRDESEL (Select TRDE#). Selects ball function.
Ball #
0: Sub-ISA Signal
1: GPIO Signal
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
H1 / D11
TRDE#
None
GPIO0
None
11
EIDE (Enable IDE Outputs). This bit enables IDE output signals.
0: IDE signals are HiZ. Other signals multiplexed on the same balls are HiZ until this bit is set. (without regard to bit 24 of
this register). This bit does not control IDE channel 1 control signals selected by bit 8 of this register.
1:
Signals are enabled.
10
ETFT (Enable TFT Outputs). This bit enables TFT output signals, that are multiplexed with the Parallel Port and controlled
by PMR[23].
0: Signals TFTD[17:0], TFTDE and TFTDCK are set to 0.
1: Signals TFTD[17:0], TFTDE and TFTDCK are enabled.
Note:
TFTDCK that is multiplexed on IDE_RST# (EBGA ball A22 / TEPBGA ball AA1) is also enabled by this bit.
9
IOCHRDY (Select IOCHRDY). Selects ball function.
Ball #
0: PCI, GPIO Signal
1: Sub-ISA Signal
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
H4 / C9
GPIO19
PMR[4] = 0
IOCHRDY
PMR[4] = 1
INTC#
PMR[4] = 1
Undefined
PMR[4] = 0
8
IDE1SEL (Select IDE Channel 1). Selects IDE Channel 1 or GPIO ball functions. Works in conjunction with PMR[18] and
PMR[17], see PMR[18] and PMR[17] for definitions.
7
DOCCSSEL (Select DOCCS#). Selects DOCCS# or GPIO20 ball functions. Works in conjunction with PMR[23], see
PMR[23] for definition.
6
SP3SEL (Select UART3). Selects ball functions.
Ball #
0: IR Signals
1: Serial Port Signals
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
J28 / AK8
IRRX1
None
SIN3
None
J3 / C11
IRTX
None
SOUT3
None
5
IOCS0SEL (Select IOCS0#). Selects ball function. Works in conjunction with PMR[23], see PMR[23] for definition.
4
INTCSEL (Select INTC#). Selects ball function. Works in conjunction with PMR[9], see PMR[9] for definition.
3
Reserved. Write as read.
2
DOCWRSEL (Select DiskOnChip and NAND Flash Command Lines). Selects ball functions. Works in conjunction with
PMR[21], see PMR[21] for definition.
1
Reserved. Write as read.
0
PCBEEPSEL (Select PC_BEEP). Selects ball function.
Ball #
0: GPIO Signal
1: Audio Signal
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
AL15 / V31
GPIO16
FPCI_MON = 0
PC_BEEP
FPCI_MON] = 0
F_DEVSEL#
FPCI_MON = 1
F_DEVSEL#
FPCI_MON = 1
Offset 34h-37h
Miscellaneous Configuration Register - MCR (R/W)
Reset Value: 0000001h
Power-on reset value: The BOOT16 strap pin selects "Enable 16-Bit Wide Boot Memory".
31
DID0 (EBGA Ball D4 / TEPBGA Ball C5) Strap Status. (Read Only) Represents the value of the strap that is latched after
power-on reset. Read in conjunction with bit 29.
30
FPCI_MON (EBGA Ball D3 / TEPBGA Ball A4) Strap Status. (Read Only) Represents the value of the strap that is
latched after power-on reset. Indicates if Fast-PCI monitoring output signals (instead of Parallel Port and some audio sig-
nals) are enabled. The state of this bit along with PMR[27] control the Fast-PCI monitoring function. See PMR[27] definition.
29
DID1 (EBGA Ball D2 / TEPBGA Ball C6) Strap Status. (Read Only) Represents the value of the strap that is latched after
power-on reset. Read in conjunction with bit 31.
28:20
Reserved.
19:18
Reserved. Write as 0.
17
HSYNC Timing. HSYNC timing control for TFT.
0: Reserved.
1: HSYNC timing suited for TFT.
Table 4-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com