Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices SC3200 Datasheet HTML 72Page - Advanced Micro Devices SC3200 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
69
Signal Definitions
Revision 5.1
PAR
C10
J4
I/O
Parity. Parity generation is required by all
PCI agents. The master drives PAR for
address- and write-data phases. The target
drives PAR for read-data phases. Parity is
even across AD[31:0] and C/BE[3:0]#.
For address phases, PAR is stable and valid
one PCI clock after the address phase. It has
the same timing as AD[31:0] but is delayed
by one PCI clock.
For data phases, PAR is stable and valid one
PCI clock after either IRDY# is asserted on a
write transaction or after TRDY# is asserted
on a read transaction.
Once PAR is valid, it remains valid until one
PCI clock after the completion of the data
phase. (Also see PERR#.)
D12
FRAME#
E1
D8
I/O
Frame Cycle. Frame is driven by the current
master to indicate the beginning and duration
of an access. FRAME# is asserted to indi-
cate the beginning of a bus transaction.
While FRAME# is asserted, data transfers
continue. FRAME# is de-asserted when the
transaction is in the final data phase.
This signal is internally connected to a pull-
up resistor.
---
IRDY#
C8
F2
I/O
Initiator Ready. IRDY# is asserted to indi-
cate that the bus master is able to complete
the current data phase of the transaction.
IRDY# is used in conjunction with TRDY#. A
data phase is completed on any PCI clock in
which both IRDY# and TRDY# are sampled
as asserted. During a write, IRDY# indicates
that valid data is present on AD[31:0]. During
a read, it indicates that the master is pre-
pared to accept data. Wait cycles are
inserted until both IRDY# and TRDY# are
asserted together.
This signal is internally connected to a pull-
up resistor.
D14
3.4.6
PCI Bus Interface Signals (Continued)
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com