Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 75Page - Advanced Micro Devices SC3200 Datasheet HTML 76Page - Advanced Micro Devices SC3200 Datasheet HTML 77Page - Advanced Micro Devices SC3200 Datasheet HTML 78Page - Advanced Micro Devices SC3200 Datasheet HTML 79Page - Advanced Micro Devices SC3200 Datasheet HTML 80Page - Advanced Micro Devices SC3200 Datasheet HTML 81Page - Advanced Micro Devices SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
79
Signal Definitions
Revision 5.1
STB#/WRITE#
AB1
A22
O
Data Strobe. When low, indicates to the
printer that valid data is available at the
printer port. This signal is in TRI-STATE after
a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resis-
tor should be employed.
Write Strobe. Active low, used in EPP mode
to denote an address or data cycle. When
the cycle is aborted, WRITE# becomes inac-
tive (high).
TFTD17+
F_FRAME#
3.4.12
Parallel Port Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
3.4.13
Fast Infrared (IR) Port Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
IRRX1
J28
AK8
I
IR Receive. Primary input to receive serial
data from the IR transceiver. Monitored dur-
ing power-off for wakeup event detection.
Note:
If selected as IRRX1 function but not
used, tie IRRX1 high.
SIN3
IRRX2/GPIO38
AJ9
K28
I
IR Receive 2. Auxiliary IR receiver input to
support a second transceiver. This input sig-
nal can be used when GPIO38 is selected
using PMR[14], and when AUX_IRRX bit in
register IRCR2 of the IR module in internal
SuperI/O is set.
LPCPD#
IRTX
J3
C11
O
IR Transmit. IR serial output data.
SOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com