Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 80Page - Advanced Micro Devices SC3200 Datasheet HTML 81Page - Advanced Micro Devices SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices SC3200 Datasheet HTML 86Page - Advanced Micro Devices SC3200 Datasheet HTML 87Page - Advanced Micro Devices SC3200 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 447 page
background image
84
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
3.4.18
JTAG Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
TCK
AL4
E31
I
JTAG Test Clock. This signal has an inter-
nal weak pull-up resistor.
---
TDI
AK5
F29
I
JTAG Test Data Input. This signal has an
internal weak pull-up resistor.
---
TDO
AH6
E30
O
JTAG Test Data Output
---
TMS
AJ5
F28
I
JTAG Test Mode Select. This signal has an
internal weak pull-up resistor.
---
TRST#
AK4
E29
I
JTAG Test Reset. This signal has an inter-
nal weak pull-up resistor.
For normal JTAG operation, this signal
should be active at power-up.
If the JTAG interface is not being used, this
signal can be tied low.
---
3.4.19
Test and Measurement Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
GXCLK
AL16
V30
O
GX Clock. This signal is for internal testing
only. For normal operation either program as
FP_VDD_ON or leave unconnected.
FP_VDD_ON+
TEST3
TEST3
AL16
V30
O
Internal Test Signal. This signal is used for
internal testing only. For normal operation
leave unconnected, unless programmed as
FP_VDD_ON.
FP_VDD_ON+
GXCLK
TEST2
B29
AJ1
O
Internal Test Signals. These signals are
used for internal testing only. For normal
operation, leave unconnected unless pro-
grammed as one of their muxed options.
PLL5B
TEST1
C28
AG4
O
PLL6B
TEST0
D28
AH3
O
PLL2B
GTEST
AL5
F30
I
Global Test. This signal is used for internal
testing only. For normal operation this signal
should be pulled down with 1.5 K
Ω.
---
PLL6B
C28
AG4
I/O
PLL6, PLL5 and PLL2 Bypass. These sig-
nals are used for internal testing only. For
normal operation leave unconnected.
TEST1
PLL5B
B29
AJ1
I/O
TEST2
PLL2B
D28
AH3
I/O
TEST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com