Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 73Page - Advanced Micro Devices SC3200 Datasheet HTML 74Page - Advanced Micro Devices SC3200 Datasheet HTML 75Page - Advanced Micro Devices SC3200 Datasheet HTML 76Page - Advanced Micro Devices SC3200 Datasheet HTML 77Page - Advanced Micro Devices SC3200 Datasheet HTML 78Page - Advanced Micro Devices SC3200 Datasheet HTML 79Page - Advanced Micro Devices SC3200 Datasheet HTML 80Page - Advanced Micro Devices SC3200 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
77
Signal Definitions
Revision 5.1
RTS2#
AH4
C30
O
Request to Send. When low, indicates to the
modem or other data transfer device that the
corresponding UART is ready to exchange
data. A system reset sets these signals to
inactive high, and loopback operation holds
them inactive.
GPIO7+
IDE_DACK1#
CTS2#
AJ2
C31
I
Clear to Send. When low, indicates that the
modem or other data transfer device is ready
to exchange data.
Note:
If selected as CTS2# function but not
used, tie CTS2# low.
GPIO8+
IDE_DREQ1
DTR1#/BOUT1
A28
AG1
O
Data Terminal Ready Outputs. When low,
indicate to the modem or other data transfer
device that the UART is ready to establish a
communications link. After a system reset,
these balls provide the DTR# function and
set these signals to inactive high. Loopback
operation drive them inactive.
Baud Outputs. Provide the associated serial
channel baud rate generator output signal if
test mode is selected (i.e., bit 7 of the EXCR1
Register is set).
GPIO18
DTR2#/BOUT2
AH3
D28
GPIO6+IDE_IOR1#
RI2#
H30
AJ8
I
Ring Indicator. When low, indicates to the
modem that a telephone ring signal has been
received by the modem. They are monitored
during power-off for wakeup event detection.
Note:
If selected as RI2# function but not
used, tie RI2# high.
GPIO11+IRQ15
DCD2#
AG4
C28
I
Data Carrier Detected. When low, indicates
that the data transfer device (e.g., modem) is
ready to establish a communications link.
Note:
If selected as DCD2# function but
not used, tie DCD2# high.
GPIO9+IDE_IOW1#
+SDTEST2
DSR2#
AJ1
B29
I
Data Set Ready. When low, indicates that
the data transfer device (e.g., modem) is
ready to establish a communications link.
Note:
If selected as DSR2# function but
not used, tie DSR2# low.
GPIO10+
IDE_IORDY1
3.4.11
Serial Ports (UARTs) Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com