Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices SC3200 Datasheet HTML 59Page - Advanced Micro Devices SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
59
Signal Definitions
Revision 5.1
3.3
Multiplexing Configuration
The tables that follow list multiplexing options and their
configurations. Certain multiplexing options may be chosen
per signal; others are available only for a group of signals.
Where ever a GPIO pin is multiplexed with another func-
tion, there is an optional pull-up resistor on this pin; after
system reset, the pull-up is present. This pull-up resistor
can be disabled by writing Core Logic registers. The con-
figuration is without regard to the selected ball function.
The above applies to all pins multiplexed with GPIO,
except GPIO12, GPIO13, and GPIO16.
Table 3-7. Two-Signal/Group Multiplexing
EBGA
TEPBGA
Default
Alternate
Signal
Configuration
Signal
Configuration
Ball No.
IDE
TFT, PCI, GPIO, System
A26
AD3
IDE_ADDR0
PMR[24] = 0
TFTD3
PMR[24] = 1
C26
AE1
IDE_ADDR1
TFTD2
C17
U2
IDE_ADDR2
TFTD4
B24
AC3
IDE_DATA0
TFTD6
A24
AC1
IDE_DATA1
TFTD16
D23
AC2
IDE_DATA2
TFTD14
C23
AB4
IDE_DATA3
TFTD12
B23
AB1
IDE_DATA4
FP_VDD_ON
A23
AA4
IDE_DATA5
CLK27M
C22
AA3
IDE_DATA6
IRQ9
B22
AA2
IDE_DATA7
INTD#
A21
Y3
IDE_DATA8
GPIO40
C20
Y2
IDE_DATA9
DDC_SDA
A20
Y1
IDE_DATA10
DDC_SCL
C19
W4
IDE_DATA11
GPIO41
B19
W3
IDE_DATA12
TFTD13
A19
V3
IDE_DATA13
TFTD15
C18
V2
IDE_DATA14
TFTD17
B18
V1
IDE_DATA15
TFTD7
C21
Y4
IDE_IOR0#
TFTD10
A25
AD1
IDE_IORDY0
TFTD11
C24
AC4
IDE_DREQ0
TFTD8
D24
AD2
IDE_IOW0#
TFTD9
A27
AF2
IDE_CS0#
TFTD5
C16
P2
IDE_CS1#
TFTDE
C25
AD4
IDE_DACK0#
TFTD0
A22
AA1
IDE_RST#
TFTDCK
D25
AF1
IRQ14
TFTD1
Ball No.
Sub-ISA
GPIO
H1
D11
TRDE#
PMR[12] = 0
GPIO0
PMR[12] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com