Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 95Page - Advanced Micro Devices SC3200 Datasheet HTML 96Page - Advanced Micro Devices SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
99
General Configuration Block
Revision 5.1
4.5
Clock Generators and PLLs
This section describes the registers for the clocks required
by the GX1 module, Core Logic module, and the Video
Processor, and how these clocks are generated. See Fig-
ure 4-2 for a clock generation diagram.
The clock generators are based on 32.768 KHz and 27.000
MHz crystal oscillators. The 32.768 KHz crystal oscillator is
described in Section 5.5.2 "RTC Clock Generation" on
page 121 (functional description of the RTC).
Figure 4-2. Clock Generation Block Diagram
32.768 KHz
Crystal
External PCI Clock
PLL5
Internal Fast-PCI Clock
PLL6
ACPI Clock (14.318 MHz)
PLL2
Dot Clock
Core Clock
ADL
PLL4
USB Clock (48 MHz)
Divider
SDRAM Clock
32.768 KHz
and I/O Block Clock
Real-Time Clock (RTC)
24.576 MHz
PLL3
AC97_CLK
Divide
by 4
Divide
by 2
(33.3 MHz)
48 MHz
33 MHz
66 MHz
Oscillator
(24.576 MHz)
To PAD
DISABLE
DISABLE
DISABLE
Shutdown
Shutdown
Shutdown
Shutdown
Shutdown
27 MHz
Crystal
Oscillator
CLK27M Ball
(ACPI)
(ACPI)
High-Resolution Timer Clock
Shutdown
CLK
Shutdown
48 MHz
57.273 MHz
25-135 MHz
66.67 MHz
100-333 MHz
Note:
VPLL2 powers PLL2 and PLL5. VPLL3 powers PLL3, PLL4, and PLL6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com