Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
101
General Configuration Block
Revision 5.1
4.5.2
GX1 Module Core Clock
The core clock is generated by an Analog Delay Loop
(ADL) clock generator from the internal Fast-PCI clock. The
clock can be any whole-number multiple of the input clock
between 4 and 10. Possible values are listed in Table 4-6.
At power-on reset, the core clock multiplier value is set
according to the value of four strapped balls - CLKSEL[3:0]
(EBGA balls AL13, AK3, B27, F3 / TEPBGA balls P30,
D29, AF3, B8). These balls also select the clock which is
used as input to the multiplier, as shown in Table 4-7.
4.5.3
Internal Fast-PCI Clock
The internal Fast-PCI clock can be configured to 33, 48, or
66 MHz via strap options on the CLKSEL1 and CLKSEL0
balls. These can be read in the internal Fast-PCI Clock
field in the CCFC register (GCB+I/O Offset 1Eh[9:8]). (See
Table 4-8 on page 103 details on the CCFC register.)
Note:
Not all speeds are supported. For information on supported speeds, see Section A.1 "Order Information" on page
443.
Table 4-6. Core Clock Frequency
ADL
Multiplier
Value
Internal Fast-PCI Clock Freq. (MHz)
33.33
48
66.67
4
133.3
192
266.7
5
166.7
240
---
6
200
288
---
7
233.3
---
---
8
266.7
---
---
9
---
---
---
10
---
---
---
Table 4-7. Strapped Core Clock Frequency
CLKSEL[3:0]
Straps
Internal Fast-PCI Clock
Freq. (MHz)
(GCB+I/O Offset 1Eh[9:8])
Default ADL Multiplier
Maximum Core
Clock Freq. (MHz)
Multiply By
Multiplier Value
(GCB+I/O Offset 1Eh[3:0])
0111
33.33
4
0100
133
1011
5
0101
167
1111
6
0110
200
0000
7
0111
233
0100
8
1000
266
1000
9
1001
Reserved
1100
10
1010
Reserved
0001
48
4
0100
192
0101
5
0101
240
1001
6
0110
288
1101
7
0111
Reserved
0110
66.67
4
0100
266
1010
5
0101
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com