Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices SC3200 Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 447 page
background image
102
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
4.5.4
SuperI/O Clocks
The SuperI/O module requires a 48 MHz input for Fast
infrared (FIR), UART, and other functions. This clock is sup-
plied by PLL4 using a multiplier value of 576/(108x3) to
generate 48 MHz.
4.5.5
Core Logic Module Clocks
The Core Logic module requires the following clock
sources:
Real-Time Clock (RTC)
RTC requires a 32.768 KHz clock which is supplied directly
from an internal low-power crystal oscillator. This oscillator
uses battery power and has very low current consumption.
USB
The USB requires a 48 MHz input which is supplied by
PLL4. The required total frequency accuracy and slow jitter
for USB is 500 PPM; edge to edge jitter is
±1.2%.
ACPI
The ACPI logic block uses a 14.32 MHz clock supplied by
PLL6. PLL6 creates this clock from the 32.768 KHz clock,
with a multiplier value of 6992/4 to output a 57.278 MHz
clock that is divided by 4.
External PCI
The PCI Interface uses a 33.3 MHz clock that is created by
PLL5 and divided by 2. PLL5 uses the 27 MHz clock, to
output a 66.67 MHz clock. PLL5 has a frequency accuracy
of
± 0.1%.
AC97
The SC3200 generates the 24.576 MHz clock required by
the audio codec. Therefore, no crystal need be included for
the audio codec on the system board.
PLL3 uses the crystal oscillator clock, to generate a 24.576
MHz clock. This clock is driven on the AC97_CLK ball. The
accuracy of the clock supplied by the SC3200 is 50 PPM.
4.5.6
Video Processor Clocks
The Video processor requires the following clock sources:
Dot
The Dot clock is generated by PLL2. It is supplied to the
Display Controller in the GX1 module (DCLK) that creates
the pixel information, and is returned to the Graphics block
(PCLK) with this information. PLL2 uses the 27 MHz clock
to generate the Dot clock.
Video
The Video clock source depends on the source of the video
data.
• If the video data is coming from the GX1 module
(Capture Video mode), the video clock is generated by
the Display Controller.
• If the video data is coming directly from the VIP block
(Direct Video mode), the Video Clock is generated by
the VIP block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com