Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices SC3200 Datasheet HTML 106Page - Advanced Micro Devices SC3200 Datasheet HTML 107Page - Advanced Micro Devices SC3200 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 447 page
background image
104
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
Offset 1Eh-1Fh
Core Clock Frequency Control Register - CCFC (R/W)
Reset Value: Strapped Value
This register controls the configuration of the core clock multiplier and the reference clocks.
15:14
Reserved.
13
Reserved. Must be set to 0.
12
Reserved. Must be set to 0.
11:10
Reserved.
9:8
FPCICK (Internal Fast-PCI Clock). (Read Only) Reflects the internal Fast-PCI clock and is the input to the GX1 module
that is used to generate the core clock. These bits reflect the value of strap pins CLKSEL[1:0].
00: 33.3 MHz
01: 48 MHz
10: 66.7 MHz
11: 33.3 MHz
7:4
Reserved.
3:0
MVAL (Multiplier Value). This 4-bit value controls the multiplier in ADL. The value is set according to the Maximum Clock
Multiplier bits of the MCCM register (Offset 10h). The multiplier value should never be written with a multiplier which is differ-
ent from the multiplier indicated in the MCCM register.
0100: Multiply by 4
0101: Multiply by 5
0110: Multiply by 6
0111: Multiply by 7
1000: Multiply by 8
1001: Multiply by 9
1010: Multiply by 10
Other: Reserved
Table 4-8. Clock Generator Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com