Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices SC3200 Datasheet HTML 106Page - Advanced Micro Devices SC3200 Datasheet HTML 107Page - Advanced Micro Devices SC3200 Datasheet HTML 108Page - Advanced Micro Devices SC3200 Datasheet HTML 109Page - Advanced Micro Devices SC3200 Datasheet HTML 110Page - Advanced Micro Devices SC3200 Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
107
SuperI/O Module
Revision 5.1
5.2
Module Architecture
The SIO module comprises a collection of generic func-
tional blocks. Each functional block is described in detail
later in this chapter. The beginning of this chapter
describes the SIO structure and provides all device specific
information, including special implementation of generic
blocks, system interface and device configuration.
The SIO module is based on eight logical devices, the host
interface, and a central configuration register set, all built
around a central, internal 8-bit bus.
The host interface serves as a bridge between the external
ISA interface and the internal bus. It supports 8-bit I/O
read, 8-bit I/O write and 8-bit DMA transactions, as defined
in Personal Computer Bus Standard P996.
The central configuration register set supports ACPI com-
pliant PnP configuration. The configuration registers are
structured as a subset of the Plug and Play Standard Reg-
isters, defined in Appendix A of the Plug and Play ISA
Specification Version 1.0a by Intel and Microsoft®. All sys-
tem resources assigned to the functional blocks (I/O
address space, DMA channels and IRQ lines) are config-
ured in, and managed by, the central configuration register
set. In addition, some function-specific parameters are con-
figurable through this unit and distributed to the functional
blocks through special control signals.
The source of the device internal clocks is the 48 MHz
clock signal or through the 32.768 KHz crystal with an
internal frequency multiplier. RTC operates on a 32 KHz
clock.
Figure 5-2. Detailed SIO Block Diagram
SIN1
SOUT1
Parallel
Serial
Port 1
and Control
Registers
System
Wakeup
Port
DACK0-3
DRQ0-3
Host
IRQ1-12,14-15
SIN2
SOUT2
RTS2#
DTR2#/BOUT2
CTS2
Serial
Port 2
Configuration
TC
Infrared
Interface
Real-Time Clock (RTC)
IOCHRDY
IOWR#
IORD#
AEN
ZWS#
ACCESS.
AB1C
AB1D
AB2C
AB2D
ACK#
AFD#/DSTRB#
BUSY/WAIT#
ERR#
INIT#
PD[7:0]
PE
SLCT
SLIN#/ASTRB#
STB#/WRITE#
DTR#/BOUT1
Internal
Internal
Internal Signals
Internal
RI2#
DCD2#
DSR2#
bus 1
ACCESS.
bus 2
Signal
Communication
Port/Serial Port 3
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com