Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices SC3200 Datasheet HTML 106Page - Advanced Micro Devices SC3200 Datasheet HTML 107Page - Advanced Micro Devices SC3200 Datasheet HTML 108Page - Advanced Micro Devices SC3200 Datasheet HTML 109Page - Advanced Micro Devices SC3200 Datasheet HTML 110Page - Advanced Micro Devices SC3200 Datasheet HTML 111Page - Advanced Micro Devices SC3200 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 447 page
background image
108
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
5.3
Configuration Structure / Access
This section describes the structure of the configuration
register file, and the method of accessing the configuration
registers.
5.3.1
Index-Data Register Pair
The SIO configuration access is performed via an Index-
Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined
according to the state of the IO_SIOCFG_IN bit field of the
Core Logic module (F5BAR0+I/O Offset 00h[26:25]). Table
5-1 shows the selected base addresses as a function of the
IO_SIOCFG_IN bit field.
The Index Register is an 8-bit R/W register located at the
selected base address (Base+0). It is used as a pointer to
the configuration register file, and holds the index of the
configuration register that is currently accessible via the
Data Register. Reading the Index Register returns the last
value written to it (or the default of 00h after reset).
The Data Register is an 8-bit virtual register, used as a
data path to any configuration register. Accessing the data
register results with physically accessing the configuration
register that is currently pointed by the Index Register.
5.3.2
Banked Logical Device Registers
Each functional block is associated with a Logical Device
Number (LDN). The configuration registers are grouped
into banks, where each bank holds the standard configura-
tion registers of the corresponding logical device. Table 5-2
shows the LDNs of the device functional blocks.
Figure 5-3 shows the structure of the standard PnP config-
uration register file. The SIO Control And Configuration
registers are not banked and are accessed by the Index-
Data register pair only (as described above). However, the
Logical Device Control and Configuration registers are
duplicated over eight banks for eight logical devices. There-
fore, accessing a specific register in a specific bank is per-
formed by two-dimensional indexing, where the LDN
register selects the bank (or logical device), and the Index
register selects the register within the bank. Accessing the
Data register while the Index register holds a value of 30h
or higher results in a physical access to the Logical Device
Configuration registers currently pointed to by the Index
register, within the logical device bank currently selected by
the LDN register.
Figure 5-3. Structure of the Standard
Configuration Register File
Table 5-1. SIO Configuration Options
IO_SIOCFG_IN
Settings
I/O Address
Description
Index
Register
Data
Register
00
-
-
SIO disabled
01
-
-
Configuration
access disabled
10
002Eh
002Fh
Base address 1
selected
11
015Ch
015Dh
Base address 2
selected
Table 5-2. LDN Assignments
LDN
Functional Block
Reference
00h
Real-Time Clock (RTC)
Page 114
01h
System Wakeup Control (SWC)
Page 116
02h
Infrared Communication Port
(IRCP) or Serial Port 3 (SP3)
Page 117
03h
Serial Port 1 (SP1)
Page 118
05h
ACCESS.bus 1 (ACB1)
Page 119
06h
ACCESS.bus 2 (ACB2)
07h
Parallel Port (PP)
Page 120
08h
Serial Port 2 (SP2)
Page 118
07h
20h
30h
60h
75h
FEh
Logical Device Number Register
SIO Configuration Registers
Logical Device Control Register
Standard Logical Device
Banks
(One per Logical Device)
2Fh
F0h
Bank
63h
74h
70h
71h
Standard Registers
Special (Vendor-defined)
Configuration Registers
Logical Device
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com