Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 447 page
background image
64
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
FPCI_MON
D3
A4
I
Fast-PCI Monitoring. The strap on this ball
forces selection of Fast-PCI monitoring sig-
nals. For normal operation, strap this signal
low using a 1.5 K
Ω resistor. The value of this
strap can be read on the MCR[30].
PCICLK0
DID1
D2
C6
I
Device ID. Together, the straps on these sig-
nals define the system-level chip ID.
The value of DID1 can be read in the
MCR[29]. The value of DID0 can be read in
the MCR[31].
DID0 and DID1 must have a pull-up resistor
of 1.5 K
Ω.
GNT1#
DID0
D4
C5
I
GNT0#
POR#
J29
AH9
I
Power On Reset. POR# is the system reset
signal generated from the power supply to
indicate that the system should be reset.
---
X32I
C30
AJ2
I/O
Crystal Connections. Connected directly to
a 32.768 KHz crystal. This clock input is
required even if the internal RTC is not being
used. Some of the internal clocks are derived
from this clock. If an external clock is used, it
should be connected to X32I, using a voltage
level of 0 volts to VCORE +10% maximum.
X32O should remain unconnected.
---
X32O
D29
AJ3
---
X27I
A29
AG3
I/O
Crystal Connections. Connected directly to
a 27.000 MHz crystal. Some of the internal
clocks are derived from this clock. If an exter-
nal clock is used, it should be connected to
X27I, using a voltage level of 0 volts to VIO
and X27O should be remain unconnected.
---
X27O
D27
AH2
---
CLK27M
A23
AA4
O
27 MHz Output Clock. Output of crystal
oscillator.
IDE_DATA5
PCIRST#
D1
A6
O
PCI and System Reset. PCIRST# is the
reset signal for the PCI bus and system. It is
asserted for approximately 100 µs after
POR# is negated.
---
3.4.1
System Interface (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com