Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices SC3200 Datasheet HTML 59Page - Advanced Micro Devices SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
61
Signal Definitions
Revision 5.1
AL15
V31
GPIO16
PMR[0] = 0 and
FPCI_MON = 0
PC_BEEP
PMR[0] = 1 = 0 and
FPCI_MON = 0
F_DEVSEL
FPCI_MON = 1
Ball No.
GPIO
PCI2
Sub-ISA
H4
C9
GPIO19
PMR[9] = 0 and
PMR[4] = 0
INTC#
PMR[9] = 0 and
PMR[4] = 1
IOCHRDY
PMR[9] = 1 and
PMR[4] = 1
Ball No.
Parallel Port
TFT3
FPCI Monitoring
U3
B18
ACK#
PMR[23] = 0 and
(PMR[27] = 0 and
FPCI_MON = 0)
TFTDE
PMR[23] = 1 and
(PMR[27] = 0 and
FPCI_MON = 0)
FPCI_CLK
PMR[23] = 0 and
(PMR[27] = 1 or
FPCI_MON = 1)
AB2
D22
AFD#/DSTRB#
TFTD2
INTR_O
T1
B17
BUSY/WAIT#
TFTD3
F_C/BE1#
AA3
D21
ERR#
TFTD4
F_C/BE0#
Y3
B21
INIT#
TFTD5
SMI_O
AA1
C21
PD0
TFTD6
F_AD0
Y1
A21
PD1
TFTD7
F_AD1
W3
D20
PD2
TFTD8
F_AD2
W2
C20
PD3
TFTD9
F_AD3
V1
C18
PD4
TFTD10
F_AD4
V2
C19
PD5
TFTD11
F_AD5
V3
A20
PD6
TFTD1
F_AD6
U1
A18
PD7
TFTD13
F_AD7
T3
D17
PE
TFTD14
F_C/BE2#
T4
C17
SLCT
TFTD15
F_C/BE3#
W1
B20
SLIN#
/ASTRB#
TFTD16
F_IRDY
AB1
A22
STB#/WRITE#
TFTD17
F_FRAME#
Ball No.
GPIO
Sub-ISA
TFT3
J4
A10
GPIO17
PMR[23] = 0 and
PMR[5] = 0
IOCS0#
PMR[23] = 0 and
PMR[5] = 1
TFTDCK
PMR[23] = 1
H3
A9
GPIO20
PMR[23] = 0 and
PMR[7] = 0
DOCCS#
PMR[23] = 0 and
PMR[7] = 1
TFTD0
PMR[23] = 1
H2
D10
GPIO1
PMR[23] = 0 and
PMR[13] = 0
IOCS1#
PMR[23] = 0 and
PMR[13] = 1
TFTD12
PMR[23] = 1
Ball No.
AB1
GPIO
Sub-ISA
AJ13
N31
AB1C
PMR[23] = 0
GPIO20
PMR[23] = 1 and
PMR[7] = 0
DOCCS#
PMR[23] = 1 and
PMR[7] = 1
AL12
N30
AB1D
PMR[23] = 0
GPIO1
PMR[23] = 1 and
PMR[13] = 0
IOCS1#
PMR[23] = 1 and
PMR[13] = 1
Ball No.
GPIO
UART2
IDE2
H30
AJ8
GPIO11
PMR[18] = 0 and
PMR[8] = 0
RI2#
PMR[18] = 1 and
PMR[8] = 0
IRQ15
PMR[18] = 0 and
PMR[8] = 1
Ball No.
Internal Test
Internal Test
TFT
AL16
V30
GXCLK
PMR[23] = 0 and
PMR[29] = 0
TEST3
PMR[23] = 0 and
PMR[29] = 1
FP_VDD_ON
PMR[23] = 1
1.
The combination of PMR[21] = 1 and PMR[2] = 0 is undefined and should not be used.
2.
The combination of PMR[9] = 1 and PMR[4] = 0 is undefined and should not be used.
3.
These TFT outputs are reset to 0 by POR# if the TFT_PRSNT strap is pulled high or PMR[10] = 0. This relates to signals TFTD[17:0],
TFTDE, TFTDCK.
Table 3-8. Three-Signal/Group Multiplexing (Continued)
EBGA
TEPBGA
Default
Alternate1
Alternate2
Signal
Configuration
Signal
Configuration
Signal
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com