Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices SC3200 Datasheet HTML 20Page - Advanced Micro Devices SC3200 Datasheet HTML 21Page - Advanced Micro Devices SC3200 Datasheet HTML 22Page - Advanced Micro Devices SC3200 Datasheet HTML 23Page - Advanced Micro Devices SC3200 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 447 page
background image
20
AMD Geode™ SC3200 Processor Data Book
Architecture Overview
Revision 5.1
GX_BASE+8408h-840Bh
MC_BANK_CFG (R/W)
Reset Value: 41104110h
31:16
RSVD (Reserved). Write as 0070h
15
RSVD (Reserved). Write as 0.
14
SODIMM_MOD_BNK (SODIMM Module Banks - Banks 0 and 1). Selects number of module banks installed per SODIMM
for SODIMM:
0: 1 Module bank (Bank 0 only)
1: 2 Module banks (Bank 0 and 1)
13
RSVD (Reserved). Write as 0.
12
SODIMM_COMP_BNK (SODIMM Component Banks - Banks 0 and 1). Selects the number of component banks per
module bank for SODIMM:
0: 2 Component banks
1: 4 Component banks
Banks 0 and 1 must have the same number of component banks.
11
RSVD (Reserved). Write as 0.
10:8
SODIMM_SZ (SODIMM Size - Banks 0 and 1). Selects the size of SODIMM:
000: 4 MB
010: 16 MB
100: 64 MB
110: 256 MB
001: 8 MB
011: 32 MB
101: 128 MB
111: 512 MB
This size is the total of both banks 0 and 1. Also, banks 0 and 1 must be the same size.
7
RSVD (Reserved). Write as 0.
6:4
SODIMM_PG_SZ (SODIMM Page Size - Banks 0 and 1). Selects the page size of SODIMM:
000: 1 KB
010: 4 KB
1xx: 16 KB
001: 2 KB
011: 8 KB
111: SODIMM not installed
Both banks 0 and 1 must have the same page size.
3:0
RSVD (Reserved). Write as 0.
GX_BASE+840Ch-840Fh
MC_SYNC_TIM1 (R/W)
Reset Value: 2A733225h
31
RSVD (Reserved). Write as 0.
30:28
LTMODE (CAS Latency). CAS latency is the delay, in SDRAM clock cycles, between the registration of a read command
and the availability of the first piece of output data. This parameter significantly affects system performance. Optimal setting
should be used. If an SODIMM is used, BIOS can interrogate EEPROM across the ACCESS.bus interface to determine this
value:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: Reserved
011: 3 CLK
101: 5 CLK
111: 7 CLK
This field will not take effect until SDRAMPRG (bit 0 of MC_MEM_CNTRL1) transitions from 0 to 1.
27:24
RC (RFSH to RFSH/ACT Command Period, tRC). Minimum number of SDRAM clock between RFSH and RFSH/ACT
commands:
0000: Reserved
0100: 5 CLK
1000: 9 CLK
1100: 13 CLK
0001: 2 CLK
0101: 6 CLK
1001: 10 CLK
1101: 14 CLK
0010: 3 CLK
0110: 7 CLK
1010: 11 CLK
1110: 15 CLK
0011: 4 CLK
0111: 8 CLK
1011: 12 CLK
1111: 16 CLK
23:20
RAS (ACT to PRE Command Period, tRAS). Minimum number of SDRAM clocks between ACT and PRE commands:
0000: Reserved
0100: 5 CLK
1000: 9 CLK
1100: 13 CLK
0001: 2 CLK
0101: 6 CLK
1001: 10 CLK
1101: 14 CLK
0010: 3 CLK
0110: 7 CLK
1010: 11 CLK
1110: 15 CLK
0011: 4 CLK
0111: 8 CLK
1011: 12 CLK
1111: 16 CLK
19
RSVD (Reserved). Write as 0.
18:16
RP (PRE to ACT Command Period, tRP). Minimum number of SDRAM clocks between PRE and ACT commands:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
15
RSVD (Reserved). Write as 0.
14:12
RCD (Delay Time ACT to READ/WRT Command, tRCD). Minimum number of SDRAM clock between ACT and READ/
WRT commands. This parameter significantly affects system performance. Optimal setting should be used:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
Table 2-2. SC3200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com