Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 91Page - Advanced Micro Devices SC3200 Datasheet HTML 92Page - Advanced Micro Devices SC3200 Datasheet HTML 93Page - Advanced Micro Devices SC3200 Datasheet HTML 94Page - Advanced Micro Devices SC3200 Datasheet HTML 95Page - Advanced Micro Devices SC3200 Datasheet HTML 96Page - Advanced Micro Devices SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
95
General Configuration Block
Revision 5.1
4.3
WATCHDOG
The SC3200 includes a WATCHDOG function to serve as
a fail-safe mechanism in case the system becomes hung.
When triggered, the WATCHDOG mechanism returns the
system to a known state by generating an interrupt, an
SMI, or a system reset (depending on configuration).
4.3.1
Functional Description
WATCHDOG is enabled when the WATCHDOG Timeout
(WDTO) register (Offset 00h) is set to a non-zero value.
The WATCHDOG timer starts with this value and counts
down until either the count reaches 0, or a trigger event
restarts the count (with the WDTO register value).
The WATCHDOG timer is restarted in any of the following
cases:
• The WDTO register is set with a non-zero value.
• The WATCHDOG timer reaches 0 and the WATCHDOG
Overflow bit, WDOVF (Offset 04h[0]), is 0.
The WATCHDOG function is disabled in any of the follow-
ing cases:
• System reset occurs.
• The WDTO register is set to 0.
• The WDOVF bit is already 1 when the timer reaches 0.
4.3.1.1
WATCHDOG Timer
The WATCHDOG timer is a 16-bit down counter. Its input
clock is a 32 KHz clock divided by a predefined value (see
WDPRES field, Offset 02h[3:0]). The 32 KHz input clock is
enabled when either:
• The GX1 module’s internal SUSPA# signal is 1.
or
• The GX1 module’s internal SUSPA# signal is 0 and the
WD32KPD bit (Offset 02h[8]) is 0.
The 32 KHz input clock is disabled, when:
• The GX1 module’s internal SUSPA# signal is 0 and the
WD32KPD bit is 1.
For more information about signal SUSPA#, refer to the
AMD Geode™ GX1 Processor Data Book.
When the WATCHDOG timer reaches 0:
• If the WDOVF bit in the WDSTS register (Offset 04h[0])
is 0, an interrupt, an SMI or a system reset is generated,
depending on the value of the WDTYPE1 field in the
WDCNFG register (Offset 02h[5:4]).
• If the WDOVF bit in the WDSTS register is already 1
when the WATCHDOG timer reaches 0, an interrupt, an
SMI or a system reset is generated according to the
WDTYPE2 field (Offset 02h[7:6]), and the timer is
disabled. The WATCHDOG timer is re-enabled when a
non-zero value is written to the WDTO register (Offset
00h).
The interrupt or SMI is de-asserted when the WDOVF bit is
set to 0. The reset generated by the WATCHDOG function
is used to trigger a system reset via the Core Logic mod-
ule. The value of the WDOVF bit, the WDTYPE1 field, and
the WDTYPE2 field are not affected by a system reset
(except when generated by power-on reset).
The SC3200 also allows no action to be taken when the
timer reaches 0 (according to WDTYPE1 field and
WDTYPE2 field). In this case only the WDOVF bit is set to
1.
Figure 4-1. WATCHDOG Block Diagram
WDPRES
WDTO
Timer
WDOVF
WDTYPE1 or
WDTYPE2
Internal Fast-PCI Bus
32 KHz
POR#
WATCHDOG
Reset IRQ SMI
SUSPA#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com