Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices SC3200 Datasheet HTML 20Page - Advanced Micro Devices SC3200 Datasheet HTML 21Page - Advanced Micro Devices SC3200 Datasheet HTML 22Page - Advanced Micro Devices SC3200 Datasheet HTML 23Page - Advanced Micro Devices SC3200 Datasheet HTML 24Page - Advanced Micro Devices SC3200 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
21
Architecture Overview
Revision 5.1
11
RSVD (Reserved). Write as 0.
10:8
RRD (ACT(0) to ACT(1) Command Period, tRRD). Minimum number of SDRAM clocks between ACT and ACT command
to two different component banks within the same module bank. The memory controller does not perform back-to-back Acti-
vate commands to two different component banks without a READ or WRITE command between them. Hence, this field
should be written as 001.
7
RSVD (Reserved). Write as 0.
6:4
DPL (Data-in to PRE command period, tDPL). Minimum number of SDRAM clocks from the time the last write datum is
sampled till the bank is precharged:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
3:0
RSVD (Reserved). Leave unchanged. Always returns a 101h.
Note:
Refer to the SDRAM manufacturer’s specification for more information on component banks.
GX_BASE+8414h-8417h
MC_GBASE_ADD (R/W)
Reset Value: 00000000h
31:18
RSVD (Reserved). Write as 0.
17
TE (Test Enable TEST[3:0]).
0: TEST[3:0] are driven low (normal operation).
1: TEST[3:0] pins are used to output test information
16
TECTL (Test Enable Shared Control Pins).
0: RASB#, CASB#, CKEB, WEB# (normal operation).
1: RASB#, CASB#, CKEB, WEB# are used to output test information
15:12
SEL (Select). This field is used for debug purposes only and should be left at zero for normal operation.
11
RSVD (Reserved). Write as 0.
10:0
GBADD (Graphics Base Address). This field indicates the graphics memory base address, which is programmable on 512
KB boundaries. This field corresponds to address bits [29:19].
Note that BC_DRAM_TOP must be set to a value lower than the Graphics Base Address.
GX_BASE+8418h-841Bh
MC_DR_ADD (R/W)
Reset Value: 00000000h
31:10
RSVD (Reserved). Write as 0.
9:0
DRADD (Dirty RAM Address). This field is the address index that is used to access the Dirty RAM with the MC_DR_ACC
register. This field does not auto increment.
GX_BASE+841Ch-841Fh
MC_DR_ACC (R/W)
Reset Value: 0000000xh
31:2
RSVD (Reserved). Write as 0.
1
D (Dirty Bit). This bit is read/write accessible.
0
V (Valid Bit). This bit is read/write accessible.
Table 2-2. SC3200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com