Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 48Page - Advanced Micro Devices SC3200 Datasheet HTML 49Page - Advanced Micro Devices SC3200 Datasheet HTML 50Page - Advanced Micro Devices SC3200 Datasheet HTML 51Page - Advanced Micro Devices SC3200 Datasheet HTML 52Page - Advanced Micro Devices SC3200 Datasheet HTML 53Page - Advanced Micro Devices SC3200 Datasheet HTML 54Page - Advanced Micro Devices SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 447 page
background image
52
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
AJ155
MD32
I/O
INT,
TS2/5
VIO
---
AJ165
MD33
I/O
INT,
TS2/5
VIO
---
AJ175
MD36
I/O
INT,
TS2/5
VIO
---
AJ185
MD47
I/O
INT,
TS2/5
VIO
---
AJ195
MD45
I/O
INT,
TS2/5
VIO
---
AJ205
MD42
I/O
INT,
TS2/5
VIO
---
AJ21
SDCLK0
O
O2/5
VIO
---
AJ22
VIO
PWR
---
---
---
AJ23
MA6
O
O2/5
VIO
---
AJ24
MA3
O
O2/5
VIO
---
AJ25
VIO
PWR
---
---
---
AJ265
MD11
I/O
INT,
TS2/5
VIO
---
AJ27
SDCLK_IN
I
INT
VIO
---
AJ285
MD19
I/O
INT,
TS2/5
VIO
---
AJ29
VIO
PWR
---
---
---
AJ305
MD22
I/O
INT,
TS2/5
VIO
---
AJ315
MD17
I/O
INT,
TS2/5
VIO
---
AK1
VIO
PWR
---
---
---
AK2
VSS
GND
---
---
---
AK3
AVSSPLL3
GND
---
---
---
AK4
THRM#
I
INTS
VSB
---
AK5
GPWIO1
I/O
(PU100)
INTs,
TS2/14
VSB
---
AK65, 2 PWRCNT1
O
OD14
VSB
---
AK7
VSS
GND
---
---
---
AK8
IRRX1
I
INTS
VSB
PMR[6] = 0
SIN3
I
INTS
VIO
PMR[6] =1
AK95
MD1
I/O
INT,
TS2/5
VIO
---
AK10
VSS
GND
---
---
---
AK115
MD7
I/O
INT,
TS2/5
VIO
---
AK12
RASA#
O
O2/5
VIO
---
AK13
VIO
PWR
---
---
---
AK14
BA1
O
O2/5
VIO
---
AK15
MA2
O
O2/5
VIO
---
AK16
VIO
PWR
---
---
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
AK175
MD35
I/O
INT,
TS2/5
VIO
---
AK185
MD46
I/O
INT,
TS2/5
VIO
---
AK19
VIO
PWR
---
---
---
AK205
MD43
I/O
INT,
TS2/5
VIO
---
AK21
DQM5
O
O2/5
VIO
---
AK22
VSS
GND
---
---
---
AK23
MA5
O
O2/5
VIO
---
AK245
MD15
I/O
INT,
TS2/5
VIO
---
AK25
VSS
GND
---
---
---
AK265
MD14
I/O
INT,
TS2/5
VIO
---
AK275
MD12
I/O
INT,
TS2/5
VIO
---
AK28
SDCLK_OUT
O
O2/5
VIO
---
AK295
MD16
I/O
INT,
TS2/5
VIO
---
AK30
VSS
GND
---
---
---
AK31
VIO
PWR
---
---
---
AL1
VSS
GND
---
---
---
AL2
VIO
PWR
---
---
---
AL3
VBAT
PWR
---
---
---
AL4
LED#
O
OD14
VSB
---
AL5
VSB
PWR
---
---
---
AL6
VSBL
PWR
---
---
---
AL75, 2
PWRCNT2
O
OD14
VSB
---
AL8
SDATA_IN2
I
INTS
VSB
F3BAR0+Memory
Offset 08h[21] = 1
AL95
MD2
I/O
INT,
TS2/5
VIO
---
AL105
MD4
I/O
INT,
TS2/5
VIO
---
AL11
DQM0
O
O2/5
VIO
---
AL12
CS0#
O
O2/5
VIO
---
AL13
VSS
GND
---
---
---
AL14
MA0
O
O2/5
VIO
---
AL15
DQM4
O
O2/5
VIO
---
AL16
VSS
GND
---
---
---
AL175
MD38
I/O
INT,
TS2/5
VIO
---
AL185
MD39
I/O
INT,
TS2/5
VIO
---
AL19
VSS
GND
---
---
---
AL205
MD44
I/O
INT,
TS2/5
VIO
---
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
Table 3-4.
481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com