Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices SC3200 Datasheet HTML 105Page - Advanced Micro Devices SC3200 Datasheet HTML 106Page - Advanced Micro Devices SC3200 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
103
General Configuration Block
Revision 5.1
4.5.7
Clock Registers
Table 4-8 describes the registers of the clock generator and PLL.
Table 4-8. Clock Generator Configuration
Bit
Description
Offset 10h
Maximum Core Clock Multiplier Register - MCCM (RO)
Reset Value: Strapped Value
This register holds the maximum core clock multiplier value. The maximum clock frequency allowed by the core, is the Fast-PCI clock
multiplied by this value.
7:4
Reserved.
3:0
MCM (Maximum Clock Multiplier). This 4-bit value is the maximum multiplier value allowed for the core clock generator. It
is derived from strap pins CLKSEL[3:0] based on the multiplier value in Table 4-7 on page 101.
Offset 11h
Reserved - RSVD
Offset 12h
PLL Power Control Register - PPCR (R/W)
Reset Value: 2Fh
This register controls operation of the PLLs.
7
Reserved.
6
EXPCID (Disable External PCI Clock).
0: External PCI clock is enabled.
1: External PCI clock is disabled.
5
GPD (Disable Graphic Pixel Reference Clock).
0: PLL2 input clock is enabled.
1: PLL2 input clock is disabled.
4
Reserved.
3
PLL3SD (Shut Down PLL3). AC97 codec clock.
0: PLL3 is enabled.
1: PLL3 is shutdown.
2
FM1SD (Shut Down PLL4).
0: PLL4 is enabled.
1: PLL4 is shutdown, unless internal Fast-PCI clock is strapped to 48 MHz.
1
C48MD (Disable SuperI/O and USB Clock).
0: USB and SuperI/O clock is enabled.
1: USB and SuperI/O clock is disabled.
0
Reserved. Write as read.
Offset 13h-17h
Reserved - RSVD
Offset 18h-1Bh
PLL3 Configuration Register - PLL3C (R/W)
Reset Value: E1040005h
31:24
MFFC (MFF Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz
23:19
Reserved. Write as read.
18:8
MFBC (MFB Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz
Note:
Bits 18, 9, and 8 cannot be changed. Bit 18 is always a 1; bits 9 and 8 are always 0.
7
Reserved. Write as read.
6
Reserved. Must be set to 0.
5:0
MOC (MO Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com