Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 192 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 192 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 188Page - Advanced Micro Devices SC3200 Datasheet HTML 189Page - Advanced Micro Devices SC3200 Datasheet HTML 190Page - Advanced Micro Devices SC3200 Datasheet HTML 191Page - Advanced Micro Devices SC3200 Datasheet HTML 192Page - Advanced Micro Devices SC3200 Datasheet HTML 193Page - Advanced Micro Devices SC3200 Datasheet HTML 194Page - Advanced Micro Devices SC3200 Datasheet HTML 195Page - Advanced Micro Devices SC3200 Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 447 page
background image
192
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Register Summary
Revision 5.1
6.3.2
Register Summary
The tables in this subsection summarize the registers of
the Core Logic module. Included in the tables are the regis-
ter’s reset values and page references where the bit for-
mats are found.
Note:
Function 4 (F4) is for Video Processor support
(although accessed through the Core Logic PCI
configuration registers). Refer to Section 7.3.1
"Register Summary" on page 345 for details.
Table 6-14. F0: PCI Header/Bridge Configuration Registers
for GPIO and LPC Support Summary
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-29)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 206
02h-03h
16
RO
Device Identification Register
0500h
Page 206
04h-05h
16
R/W
PCI Command Register
000Fh
Page 206
06h-07h
16
R/W
PCI Status Register
0280h
Page 207
08h
8
RO
Device Revision ID Register
00h
Page 208
09h-0Bh
24
RO
PCI Class Code Register
060100h
Page 208
0Ch
8
R/W
PCI Cache Line Size Register
00h
Page 208
0Dh
8
R/W
PCI Latency Timer Register
00h
Page 208
0Eh
8
RO
PCI Header Type Register
80h
Page 208
0Fh
8
RO
PCI BIST Register
00h
Page 208
10h-13h
32
R/W
Base Address Register 0 (F0BAR0) — Sets the base address for
the I/O mapped GPIO Runtime and Configuration Registers (sum-
marized in Table 6-15).
00000001h
Page 208
14h-17h
32
R/W
Base Address Register 1 (F0BAR1) — Sets the base address for
the I/O mapped LPC Configuration Registers (summarized in
Table 6-16)
00000001h
Page 208
18h-2Bh
---
---
Reserved
00h
Page 208
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 208
2Eh-2Fh
16
RO
Subsystem ID
0500h
Page 208
30h-3Fh
---
---
Reserved
00h
Page 208
40h
8
R/W
PCI Function Control Register 1
39h
Page 209
41h
8
R/W
PCI Function Control Register 2
00h
Page 209
42h
---
---
Reserved
00h
Page 210
43h
8
R/W
PIT Delayed Transactions Register
02h
Page 210
44h
8
R/W
Reset Control Register
01h
Page 210
45h
---
---
Reserved
00h
Page 211
46h
8
R/W
PCI Functions Enable Register
FEh
Page 211
47h
8
R/W
Miscellaneous Enable Register
00h
Page 211
48h-4Bh
---
---
Reserved
00h
Page 211
4Ch-4Fh
32
R/W
Top of System Memory
FFFFFFFFh
Page 212
50h
8
R/W
PIT Control/ISA CLK Divider
7Bh
Page 212
51h
8
R/W
ISA I/O Recovery Control Register
40h
Page 212
52h
8
R/W
ROM/AT Logic Control Register
98h
Page 213
53h
8
R/W
Alternate CPU Support Register
00h
Page 213
54h-59h
---
---
Reserved
00h
Page 214
5Ah
8
R/W
Decode Control Register 1
01h
Page 214
5Bh
8
R/W
Decode Control Register 2
20h
Page 214
5Ch
8
R/W
PCI Interrupt Steering Register 1
00h
Page 215
5Dh
8
R/W
PCI Interrupt Steering Register 2
00h
Page 215
5Eh-5Fh
---
---
Reserved
00h
Page 215
60h-63h
32
R/W
ACPI Control Register
00000000h
Page 216
64h-6Bh
---
---
Reserved
00h
Page 216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com