Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 201 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 201 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 197Page - Advanced Micro Devices SC3200 Datasheet HTML 198Page - Advanced Micro Devices SC3200 Datasheet HTML 199Page - Advanced Micro Devices SC3200 Datasheet HTML 200Page - Advanced Micro Devices SC3200 Datasheet HTML 201Page - Advanced Micro Devices SC3200 Datasheet HTML 202Page - Advanced Micro Devices SC3200 Datasheet HTML 203Page - Advanced Micro Devices SC3200 Datasheet HTML 204Page - Advanced Micro Devices SC3200 Datasheet HTML 205Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
201
Core Logic Module - Register Summary
Revision 5.1
Table 6-24. F5: PCI Header Registers for X-Bus Expansion Support Summary
F5 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-39)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 294
02h-03h
16
RO
Device Identification Register
0505h
Page 294
04h-05h
16
R/W
PCI Command Register
0000h
Page 294
06h-07h
16
RO
PCI Status Register
0280h
Page 294
08h
8
RO
Device Revision ID Register
00h
Page 294
09h-0Bh
24
RO
PCI Class Code Register
068000h
Page 294
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 294
0Dh
8
RO
PCI Latency Timer Register
00h
Page 294
0Eh
8
RO
PCI Header Type Register
00h
Page 294
0Fh
8
RO
PCI BIST Register
00h
Page 294
10h-13h
32
R/W
Base Address Register 0 (F5BAR0) — Sets the base address for
the X-Bus Expansion support registers (summarized in
Table 6-25.)
00000000h
Page 294
14h-17h
32
R/W
Base Address Register 1 (F5BAR1) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 294
18h-1Bh
32
R/W
Base Address Register 2 (F5BAR2) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 294
1Ch-1Fh
32
R/W
Base Address Register 3 (F5BAR3) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 295
20h-23h
32
R/W
Base Address Register 4 (F5BAR4) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 295
24h-27h
32
R/W
Base Address Register 5 (F5BAR5) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 295
28h-2Bh
---
---
Reserved
00h
Page 295
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 295
2Eh-2Fh
16
RO
Subsystem ID
0505h
Page 295
30h-3Fh
---
---
Reserved
00h
Page 295
40h-43h
32
R/W
F5BAR0 Base Address Register Mask
FFFFFFC1h
Page 295
44h-47h
32
R/W
F5BAR1 Base Address Register Mask
00000000h
Page 296
48h-4Bh
32
R/W
F5BAR2 Base Address Register Mask
00000000h
Page 296
4Ch-4Fh
32
R/W
F5BAR3 Base Address Register Mask
00000000h
Page 296
50h-53h
32
R/W
F5BAR4 Base Address Register Mask
00000000h
Page 296
54h-57h
32
R/W
F5BAR5 Base Address Register Mask
00000000h
Page 296
58h
8
R/W
F5BARx Initialized Register
00h
Page 296
59h-FFh
---
---
Reserved
xxh
Page 296
60h-63h
32
R/W
Scratchpad for Chip Number
00000000h
Page 296
64h-67h
32
R/W
Scratchpad for Configuration Block Address
00000000h
Page 297
68h-FFh
---
---
Reserved
00h
Page 297
Table 6-25. F5BAR0: I/O Control Support Registers Summary
F5BAR0+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-40)
00h-03h
32
R/W
I/O Control Register 1
010C0007h
Page 298
04h-07h
32
R/W
I/O Control Register 2
00000002h
Page 299
08h-0Bh
32
R/W
I/O Control Register 3
00009000h
Page 299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com