Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 154Page - Advanced Micro Devices SC3200 Datasheet HTML 155Page - Advanced Micro Devices SC3200 Datasheet HTML 156Page - Advanced Micro Devices SC3200 Datasheet HTML 157Page - Advanced Micro Devices SC3200 Datasheet HTML 158Page - Advanced Micro Devices SC3200 Datasheet HTML 159Page - Advanced Micro Devices SC3200 Datasheet HTML 160Page - Advanced Micro Devices SC3200 Datasheet HTML 161Page - Advanced Micro Devices SC3200 Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 447 page
background image
158
AMD Geode™ SC3200 Processor Data Book
Core Logic Module
Revision 5.1
Integrated Audio
• AC97 Version 2.0 compliant interface to audio codecs
• Secondary codec support
• AMC97 codec support
Video Processor Interface
• Synchronous serial interface to the Video Processor
• Translates video and clock control register accesses
from PCI to serial interface
• Supports both reads and writes of Video Processor
registers
• Retries Fast-PCI bus accesses until Core Logic
completes the transfer over the serial interface
Low Pin Count (LPC) Interface
• Based on Intel LPC Interface Specification Revision 1.0
• Serial IRQ support
6.2
Module Architecture
The Core Logic architecture provides the internal functional
blocks shown in Figure 6-1.
• Fast-PCI interface to external PCI bus
• IDE controllers (UDMA-33)
• USB controllers
• Sub-ISA bus interface
• AT compatibility logic (legacy)
• ACPI compliant power management (includes GPIO
interfaces, such as joystick)
• Integrated audio controller
• Low Pin Count (LPC) Interface
Figure 6-1. Core Logic Module Block Diagram
IDE
Config.
PW
LPC
Legacy
ACPI/PM
Audio
UDMA33
USB
LPC
Sub-ISA
Fast X-Bus
Controller
Fast-PCI
PCI Interface
X-Bus
AC97
PCI
ISA/PIC/PIT/DMA
USB
33-66 MHz
33 MHz
Reg.
GPIOs
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com