Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 120Page - NXP Semiconductors P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors P5021 Datasheet HTML 123Page - NXP Semiconductors P5021 Datasheet HTML 124Page - NXP Semiconductors P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
124
2.20.8
SGMII interface
Each SGMII port features a 4-wire AC-coupled serial link from the SerDes interface of the chip, as shown in Figure 46, where
CTX is the external (on board) AC-coupled capacitor. Each output pin of the SerDes transmitter differential pair features 50-Ω
output impedance. Each input of the SerDes receiver differential pair features 50-
Ω on-die termination to XGND. The reference
circuit of the SerDes transmitter and receiver is shown in Figure 42.
2.20.8.0.1
SGMII clocking requirements for SD_REF_CLKn and SD_REF_CLKn
When operating in SGMII mode, the EC_GTX_CLK125 clock is not required for this port. Instead, a SerDes reference clock
is required on SD_REF_CLK[1:3] and SD_REF_CLK[1:3] pins. SerDes banks 1-3 may be used for SerDes SGMII
configurations based on the RCW Configuration field SRDS_PRTCL.
For more information on these specifications, see Section 2.20.2, “SerDes reference clocks.”
2.20.8.1
SGMII DC electrical characteristics
This section discusses the electrical characteristics for the SGMII interface.
2.20.8.1.1
SGMII transmit DC timing specifications
This table describe the SGMII SerDes transmitter and receiver AC-coupled DC electrical characteristics for 1.25 GBaud.
Transmitter DC characteristics are measured at the transmitter outputs (SD_TXn and SD_TXn) as shown in Figure 47.
Deterministic jitter, fC3dB =fBAUD ÷ 10
USATA_TXDJfB/10
—
—
0.35
UI p-p
1
Deterministic jitter, fC3dB =fBAUD ÷ 500
USATA_TXDJfB/500
—
—
0.42
UI p-p
1
Deterministic jitter, fC3dB =fBAUD ÷ 1667 USATA_TXDJfB/1667
—
—
0.35
UI p-p
1
Note:
1. Measured at receiver
Table 88. SGMII DC transmitter electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output high voltage
VOH
—
—
1.5 x
|VOD|-max
mV
1
Output low voltage
VOL
|VOD|-min/2
—
—
mV
1
Table 87. Gen 2i/3G receiver AC specifications (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com