Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 128 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 124Page - NXP Semiconductors P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
128
2.20.8.2.1
SGMII transmit AC timing specifications
This table provides the SGMII transmit AC timing specifications. A source synchronous clock is not supported. The AC timing
specifications do not include RefClk jitter.
2.20.8.2.2
SGMII AC measurement details
Transmitter and receiver AC characteristics are measured at the transmitter outputs (SD_TXn and SD_TXn) or at the receiver
inputs (SD_RXn and SD_RXn) respectively, as depicted in this figure.
Figure 48. SGMII AC test/measurement load
2.20.8.2.3
SGMII receiver AC timing specification
This table provides the SGMII receiver AC timing specifications. The AC timing specifications do not include RefClk jitter.
Source synchronous clocking is not supported. Clock is recovered from the data.
Table 92. SGMII transmit AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
—
—
0.17
UI p-p
—
Total jitter
JT
—
—
0.35
UI p-p
1
Unit Interval: 1.25 GBaud
UI
800 – 100 ppm
800
800 + 100 ppm
ps
—
Unit Interval: 3.125 GBaud
UI
320 – 100 ppm
320
320 + 100 ppm
ps
—
AC coupling capacitor
CTX
10
—
200
nF
2
Notes:
1. See Figure 44 for single frequency sinusoidal jitter measurements.
2. The external AC coupling capacitor is required. It is recommended that it be placed near the device transmitter outputs.
Table 93. SGMII receive AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
—
—
UI p-p
1, 2
Combined deterministic and random jitter tolerance
JDR
0.55
—
—
UI p-p
1, 2
Total jitter tolerance
JT
0.65
—
—
UI p-p
1,2, 3
Transmitter
silicon
+ package
C = CTX
C = CTX
R = 50
Ω
R = 50
Ω
D+ package pin
D– package pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com