Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 129 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors P5021 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
129
The sinusoidal jitter in the total jitter tolerance may have any amplitude and frequency in the unshaded region of Figure 44.
3
Hardware design considerations
3.1
System clocking
This section describes the PLL configuration of the chip.
This device includes nine PLLs, as follows:
•
There are two selectable core cluster PLLs which generate a core clock from the externally supplied SYSCLK input.
Core complex 0–1 can select from either CC1 PLL or CC2 PLL. The frequency ratio between the core cluster PLLs
and SYSCLK is selected using the configuration bits as described in Section 3.1.3, “e5500-64 core complex/ FMan to
SYSCLK PLL ratio.” The frequency for each core complex 0–1 is selected using the configuration bits as described
in Table 97.
•
The platform PLL generates the platform clock from the externally supplied SYSCLK input. The frequency ratio
between the platform and SYSCLK is selected using the platform PLL ratio configuration bits as described in
Section 3.1.2, “Platform to SYSCLK PLL ratio.”
•
The DDR block PLL generates the DDR clock from the externally supplied SYSCLK input (asynchronous mode) or
from the platform clock (synchronous mode). The frequency ratio is selected using the Memory Controller Complex
PLL multiplier/ratio configuration bits as described in Section 3.1.5, “DDR controller PLL ratios.”
•
The FMan PLL generates the FMan clock from the platform PLL when operating synchronously, or from CC3 PLL
when operating asynchronously. Described in Section 3.1.8, “Frame Manager (FMan) clock select.”
•
Each of the four SerDes blocks has a PLL which generate a core clock from their respective externally supplied
SD_REF_CLKn/SD_REF_CLKn inputs. The frequency ratio is selected using the SerDes PLL ratio configuration bits
as described in Section 3.1.6, “Frequency options.”
Bit error ratio
BER
—
—
10-12
——
Unit Interval: 1.25 GBaud
UI
800 – 100 ppm
800
800 + 100 ppm
ps
1
Unit Interval: 3.125 GBaud
UI
320 – 100 ppm
320
320 + 100 ppm
ps
1
Notes:
1. Measured at receiver
2. See the RapidIOTM 1
×/4× LP Serial Physical Layer Specification for interpretation of jitter specifications.
3. Total jitter is composed of three components: deterministic jitter, random jitter, and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 44. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk and other variable system effects.
Table 93. SGMII receive AC timing specifications (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com