Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors P5021 Datasheet HTML 133Page - NXP Semiconductors P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
131
3.1.2
Platform to SYSCLK PLL ratio
The allowed platform clock to SYSCLK ratios are shown in this table.
Note that in synchronous DDR mode, the DDR data rate is the determining factor for selecting the platform bus frequency
because the platform frequency must equal the DDR data rate.
In asynchronous DDR mode, the memory bus clock frequency is decoupled from the platform bus frequency.
3.1.3
e5500-64 core complex/ FMan to SYSCLK PLL ratio
The clock ratio between SYSCLK and each of the two core complex PLLs and FMan PLL is determined at power up by the
binary value of the RCW field CCn_PLL_RAT. (Note: n=1 or 2 are the core complex PLLs, n=3 is the FMan PLL). This table
describes the supported ratios. Note that a core complex/ FMan PLL setting targeting 1 GHz and above must set RCW field
CCn_PLL_CFG = 0b10, for setting targeting below 1 GHz CCn_PLL_CFG=0b00.
This table lists the supported core complex/ FMan to SYSCLK ratios.
Table 95. Platform to SYSCLK PLL ratios
Binary value of
SYS_PLL_RAT
Platform:SYSCLK ratio
0_0101
5:1
0_0110
6:1
0_0111
7:1
0_1000
8:1
All Others
Reserved
Table 96. Core complex/ FMan PLL to SYSCLK ratios
Binary value of
CCn_PLL_RAT
Core cluster:SYSCLK ratio
0_1000
8:1
0_1001
9:1
0_1010
10:1
0_1011
11:1
0_1100
12:1
0_1110
14:1
0_1111
15:1
1_0000
16:1
1_0001
17:1
1_0010
18:1
1_0100
20:1
1_0110
22:1
All Others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com