Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 134 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors P5021 Datasheet HTML 133Page - NXP Semiconductors P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors P5021 Datasheet HTML 137Page - NXP Semiconductors P5021 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Hardware design considerations
Freescale Semiconductor
134
3.1.6
Frequency options
This section discusses interface frequency options.
3.1.6.1
SYSCLK and platform frequency options
This table shows the expected frequency options for SYSCLK and platform frequencies.
3.1.6.2
Minimum platform frequency requirements for high-speed interfaces
The platform clock frequency must be considered for proper operation of high-speed interfaces as described below.
For proper PCI Express operation, the platform clock frequency must be greater than or equal to the values shown in these
figures.
Figure 49. Gen 1 PEX minimum platform frequency
Figure 50. Gen 2 PEX minimum platform frequency
Table 100. Synchronous DDR clock ratio
Binary Value of
MEM_PLL_RAT[10:14]
DDR:Platform CLK ratio
Set MEM_PLL_CFG=01
for platform CLK freq1
0_0001
1:1
>600 MHz
All Others
Reserved
—
Note:
1. Set RCW field MEM_PLL_CFG=0b01
Table 101. SYSCLK and platform frequency options
Platform:
SYSCLK
ratio
SYSCLK (MHz)
100
125
133.3
150
Platform frequency (MHz)1
1 Platform frequency values are shown rounded down to the nearest whole number (decimal place accuracy
removed)
5:1
625
666
750
6:1
600
750
800
7:1
700
8:1
800
527 MHz
PCI Express link width
()
×
16
--------------------------------------------------------------------------------
527 MHz
PCI Express link width
()
×
8
--------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com