Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 133Page - NXP Semiconductors P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors P5021 Datasheet HTML 137Page - NXP Semiconductors P5021 Datasheet HTML 138Page - NXP Semiconductors P5021 Datasheet HTML 139Page - NXP Semiconductors P5021 Datasheet HTML 140Page - NXP Semiconductors P5021 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
137
3.3
Power supply design
3.3.1
PLL power supply filtering
Each of the PLLs described in Section 3.1, “System clocking,” is provided with power through independent power supply pins
(AVDD_PLAT, AVDD_CCn, AVDD_DDR, AVDD_FM, and AVDD_SRDSn). AVDD_PLAT, AVDD_CCn, AVDD_FM, and AVDD_DDR
voltages must be derived directly from the VDD_PL source through a low frequency filter scheme. AVDD_SRDSn voltages must
be derived directly from the SVDD source through a low frequency filter scheme.
The recommended solution for PLL filtering is to provide independent filter circuits per PLL power supply, as illustrated in
Figure 51, one for each of the AVDD pins. By providing independent filters to each PLL the opportunity to cause noise injection
from one PLL to the other is reduced.
This circuit is intended to filter noise in the PLL’s resonant frequency range from a 500-kHz to 10-MHz range.
Table 106. I/O voltage selection
Signals
Value
(binary)
VDD voltage selection
BVDD
CVDD
LVDD
IO_VSEL[0:4]
Default (0_0000)
0_0000
3.3 V
3.3 V
3.3 V
0_0001
3.3 V
3.3 V
2.5 V
0_0011
3.3 V
2.5 V
3.3 V
0_0100
3.3 V
2.5 V
2.5 V
0_0110
3.3 V
1.8 V
3.3 V
0_0111
3.3 V
1.8 V
2.5 V
0_1001
2.5 V
3.3 V
3.3 V
0_1010
2.5 V
3.3 V
2.5 V
0_1100
2.5 V
2.5 V
3.3 V
0_1101
2.5 V
2.5 V
2.5 V
0_1111
2.5 V
1.8 V
3.3 V
1_0000
2.5 V
1.8 V
2.5 V
1_0010
1.8 V
3.3 V
3.3 V
1_0011
1.8 V
3.3 V
2.5 V
1_0101
1.8 V
2.5 V
3.3 V
1_0110
1.8 V
2.5 V
2.5 V
1_1000
1.8 V
1.8 V
3.3 V
1_1001
1.8 V
1.8 V
2.5 V
1_1011
3.3 V
3.3 V
3.3 V
1_1100
3.3 V
3.3 V
3.3 V
1_1101
3.3 V
3.3 V
3.3 V
1_1110
3.3 V
3.3 V
3.3 V
1_1111
3.3 V
3.3 V
3.3 V
All Others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com