Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 138 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors P5021 Datasheet HTML 137Page - NXP Semiconductors P5021 Datasheet HTML 138Page - NXP Semiconductors P5021 Datasheet HTML 139Page - NXP Semiconductors P5021 Datasheet HTML 140Page - NXP Semiconductors P5021 Datasheet HTML 141Page - NXP Semiconductors P5021 Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Hardware design considerations
Freescale Semiconductor
138
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled from
nearby circuits. It should be possible to route directly from the capacitors to the AVDD pin, which is on the periphery of the
footprint, without the inductance of vias.
Figure 51 shows the PLL power supply filter circuit.
Where:
R = 5
Ω ± 5%
C1 = 10
μF ± 10%, 0603, X5R, with ESL ≤ 0.5 nH
C2 = 1.0
μF ± 10%, 0402, X5R, with ESL ≤ 0.5 nH
NOTE
A higher capacitance value for C2 may be used to improve the filter as long as the other C2
parameters do not change (0402 body, X5R, ESL
≤ 0.5 nH).
Voltage for AVDD is defined at the PLL supply filter and not the pin of AVDD.
Figure 51. PLL power supply filter circuit
The AVDD_SRDSn signals provides power for the analog portions of the SerDes PLL. To ensure stability of the internal clock,
the power supplied to the PLL is filtered using a circuit similar to the one shown in following Figure 52. For maximum
effectiveness, the filter circuit is placed as closely as possible to the AVDD_SRDSn balls to ensure it filters out as much noise as
possible. The ground connection should be near the AVDD_SRDSn balls. The 0.003-µF capacitor is closest to the balls, followed
by two 2.2-µF capacitors, and finally the 1-
Ω resistor to the board supply plane. The capacitors are connected from AVDD_SRDSn
to the ground plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces should be kept
short, wide, and direct.
Figure 52. SerDes PLL power supply filter circuit
Note the following:
•AVDD_SRDSn should be a filtered version of SVDD.
•
Signals on the SerDes interface are fed from the XVDD power plane.
•
Voltage for AVDD_SRDSn is defined at the PLL supply filter and not the pin of AVDD_SRDSn.
•
An 0805 sized capacitor is recommended for system initial bring-up.
3.3.2
XVDD power supply filtering
XVDD may be supplied by a linear regulator or sourced by a filtered 1.5 V or 1.8 V voltage source. Systems may design in both
options to allow flexibility to address system noise dependencies.
An example solution for XVDD filtering, where 1.5 V or 1.8 V is sourced from voltage source (for example, GVDD at 1.5 V
when using DDR3, or CVDD at 1.8 V), is illustrated in Figure 53. The component values in this example filter is system
VDD_PL
AVDD_PLAT, AVDD_CCn, AVDD_DDR
C1
C2
GND
Low ESL Surface Mount Capacitors
R
AVDD_FM
2.2 µF1
0.003 µF
1.0
Ω
AVDD_SRDSn
2.2 µF1
GND
SVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com