Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 122 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 118Page - NXP Semiconductors P5021 Datasheet HTML 119Page - NXP Semiconductors P5021 Datasheet HTML 120Page - NXP Semiconductors P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors P5021 Datasheet HTML 123Page - NXP Semiconductors P5021 Datasheet HTML 124Page - NXP Semiconductors P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
122
This figure shows the reference clock timing waveform.
Figure 45. Reference clock timing waveform
2.20.7.3
AC transmitter Output Characteristics
This table provides the differential transmitter output AC characteristics for the SATA interface at Gen1i or 1.5 Gbits/s
transmission. The AC timing specifications do not include RefClk jitter.
This table provides the differential transmitter output AC characteristics for the SATA interface at Gen2i or 3.0 Gbits/s
transmission. The AC timing specifications do not include RefClk jitter.
Table 84. Gen1i/1.5 G transmitter AC specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Channel speed
tCH_SPEED
—1.5
—
Gbps
—
Unit Interval
TUI
666.4333
666.6667
670.2333
ps
—
Total jitter data-data 5 UI
USATA_TXTJ5UI
—
—
0.355
UI p-p
1
Total jitter, data-data 250 UI
USATA_TXTJ250UI
—
—
0.47
UI p-p
1
Deterministic jitter, data-data 5 UI
USATA_TXDJ5UI
—
—
0.175
UI p-p
1
Deterministic jitter, data-data 250 UI
USATA_TXDJ250UI
—
—
0.22
UI p-p
1
Note:
1. Measured at transmitter output pins peak to peak phase variation, random data pattern
Table 85. Gen 2i/3 G transmitter AC specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Channel speed
tCH_SPEED
—3.0
—
Gbps
—
Unit Interval
TUI
333.2167
333.3333
335.1167
ps
—
Total jitter fC3dB =fBAUD ÷ 10
USATA_TXTJfB/10
——
0.3
UI p-p
1
Total jitter fC3dB =fBAUD ÷ 500
USATA_TXTJfB/500
—
—
0.37
UI p-p
1
Total jitter fC3dB =fBAUD ÷ 1667
USATA_TXTJfB/1667
—
—
0.55
UI p-p
1
TH
TL
Ref_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com