Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 115Page - NXP Semiconductors P5021 Datasheet HTML 116Page - NXP Semiconductors P5021 Datasheet HTML 117Page - NXP Semiconductors P5021 Datasheet HTML 118Page - NXP Semiconductors P5021 Datasheet HTML 119Page - NXP Semiconductors P5021 Datasheet HTML 120Page - NXP Semiconductors P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors P5021 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
119
2.20.6.2.2
Aurora transmitter AC timing specifications
This table defines the Aurora transmitter AC timing specifications. RefClk jitter is not included.
2.20.6.2.3
Aurora receiver AC timing specifications
This table defines the Aurora receiver AC timing specifications. RefClk jitter is not included.
2.20.7
Serial ATA (SATA)
This section describes the DC and AC electrical specifications for the serial ATA (SATA) interface.
2.20.7.1
SATA DC electrical characteristics
This section describes the DC electrical characteristics for SATA.
Table 77. Aurora transmitter AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Deterministic jitter
JD
—
—
0.17
UI p-p
Total jitter
JT
—
—
0.35
UI p-p
Unit Interval: 2.5 GBaud
UI
400 – 100 ppm
400
400 + 100 ppm
ps
Unit Interval: 3.125 GBaud
UI
320 – 100 ppm
320
320 + 100 ppm
ps
Unit Interval: 5.0 GBaud
UI
200 – 100 ppm
200
200 + 100 ppm
ps
Table 78. Aurora receiver AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
—
—
UI p-p
1
Combined deterministic and random
jitter tolerance
JDR
0.55
—
—
UI p-p
1
Total jitter tolerance
JT
0.65
—
—
UI p-p
1,2
Bit error rate
BER
—
—
10–12
——
Unit Interval: 2.5 GBaud
UI
400 – 100 ppm
400
400 + 100 ppm
ps
—
Unit Interval: 3.125 GBaud
UI
320 – 100 ppm
320
320 + 100 ppm
ps
—
Unit Interval: 5.0 GBaud
UI
200 – 100 ppm
200
200 + 100 ppm
ps
—
Note:
1. Measured at receiver
2. Total jitter is composed of three components: deterministic jitter, random jitter, and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 44. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk and other variable system effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com