Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 114Page - NXP Semiconductors P5021 Datasheet HTML 115Page - NXP Semiconductors P5021 Datasheet HTML 116Page - NXP Semiconductors P5021 Datasheet HTML 117Page - NXP Semiconductors P5021 Datasheet HTML 118Page - NXP Semiconductors P5021 Datasheet HTML 119Page - NXP Semiconductors P5021 Datasheet HTML 120Page - NXP Semiconductors P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
118
2.20.6
Aurora
This section describes the Aurora clocking requirements and AC and DC electrical characteristics.
2.20.6.1
Aurora DC electrical characteristics
This section describes the DC electrical characteristics for Aurora.
2.20.6.1.1
Aurora DC clocking requirements for SD_REF_CLKn and SD_REF_CLKn
Only SerDes bank 1 (SD_REF_CLK1 and SD_REF_CLK1) may be used for SerDes Aurora configurations based on the RCW
Configuration field SRDS_PRTCL. Aurora is not supported on SerDes banks 2-3.
For more information on these specifications, see Section 2.20.2, “SerDes reference clocks.”
2.20.6.1.2
Aurora transmitter DC electrical characteristics
This table defines the Aurora transmitter DC electrical characteristics.
2.20.6.1.3
Aurora receiver DC electrical characteristics
This table defines the Aurora receiver DC electrical characteristics for Aurora.
2.20.6.2
Aurora AC timing specifications
This section describes the AC timing specifications for Aurora.
2.20.6.2.1
Aurora AC clocking requirements for SD_REF_CLKn and SD_REF_CLKn
Only SerDes bank 1 (SD_REF_CLK1 and SD_REF_CLK1) may be used for SerDes Aurora configurations based on the RCW
Configuration field SRDS_PRTCL. Aurora is not supported on SerDes banks 2–3.
Please note that the XAUI clock requirements for SD_REF_CLKn and SD_REF_CLKn are intended to be used within the
clocking guidelines specified by either Section 2.20.2.3, “AC requirements for SerDes reference clocks” or Section 2.20.7.2.1,
“AC requirements for SATA REF_CLK.”
Table 75. Aurora transmitter DC electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Differential output voltage
VDIFFPP
800
—
1600
mV p-p
Table 76. Aurora receiver DC electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Differential input voltage
VIN
120
900
1200
mV p-p
1
Note:
1. Measured at receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com