Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors P5021 Datasheet HTML 113Page - NXP Semiconductors P5021 Datasheet HTML 114Page - NXP Semiconductors P5021 Datasheet HTML 115Page - NXP Semiconductors P5021 Datasheet HTML 116Page - NXP Semiconductors P5021 Datasheet HTML 117Page - NXP Semiconductors P5021 Datasheet HTML 118Page - NXP Semiconductors P5021 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
115
2.20.5
XAUI
This section describes the DC and AC electrical specifications for the XAUI bus.
2.20.5.1
XAUI DC electrical characteristics
This section discusses the XAUI DC electrical characteristics for the clocking signals, transmitter, and receiver.
2.20.5.1.1
DC requirements for XAUI SD_REF_CLKn and SD_REF_CLKn
Only SerDes banks 2–3 (SD_REF_CLK[2:3] and SD_REF_CLK[2:3]) may be used for various SerDes XAUI configurations
based on the RCW Configuration field SRDS_PRTCL. XAUI is not supported on SerDes bank 1.
For more information on these specifications, see Section 2.20.2.2, “DC-level requirement for SerDes reference clocks.”
2.20.5.1.2
XAUI transmitter DC electrical characteristics
This table defines the XAUI transmitter DC electrical characteristics.
2.20.5.1.3
XAUI receiver DC electrical characteristics
This table defines the XAUI receiver DC electrical characteristics.
2.20.5.2
XAUI AC timing specifications
This section discusses the XAUI AC timing specifications for the clocking signals, transmitter, and receiver.
Table 70. XAUI transmitter DC electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Output voltage
VO
–0.40
—
2.30
V
1
Differential output voltage
VDIFFPP
800
—
1600
mV p-p
—
Note:
1. Absolute output voltage limit
Table 71. XAUI receiver DC timing specifications (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Differential input voltage
VIN
200
900
1600
mV p-p
1
Note:
1. Measured at the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com