Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors P5021 Datasheet HTML 113Page - NXP Semiconductors P5021 Datasheet HTML 114Page - NXP Semiconductors P5021 Datasheet HTML 115Page - NXP Semiconductors P5021 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
112
This table defines the PCI Express 2.0 (5 GT/s) AC specifications for the differential output at all transmitters. The parameters
are specified at the component pins. The AC timing specifications do not include RefClk jitter.
2.20.4.5.2
PCI Express AC physical layer receiver specifications
This section discusses the PCI Express AC physical layer receiver specifications 2.5 GT/s, and 5 GT/s.
Table 67. PCI Express 2.0 (5 GT/s) differential transmitter Output AC specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Unit Interval
UI
199.94 200.00 200.06
ps
Each UI is 400 ps ± 300 ppm. UI does not
account for spread spectrum clock dictated
variations. See Note 1.
Minimum transmitter eye width
TTX-EYE
0.75
—
—
UI
The maximum transmitter jitter can be
derived as:
TTX-MAX-JITTER =1 – TTX-EYE =0.25 UI.
See Notes 2 and 3.
Transmitter RMS deterministic
jitter > 1.5 MHz
TTX-HF-DJ-DD
—
—
0.15
ps
—
Transmitter RMS deterministic
jitter < 1.5 MHz
TTX-LF-RMS
—
3.0
—
ps
Reference input clock RMS jitter (< 1.5 MHz)
at pin < 1 ps
AC coupling capacitor
CTX
75
—
200
nF
All transmitters must be AC coupled. The AC
coupling is required either within the media
or within the transmitting component itself.
See Note 4.
Notes:
1. No test load is necessarily associated with this value.
2. Specified at the measurement point into a timing and voltage test load as shown in Figure 43 and measured over any 250
consecutive transmitter UIs.
3. A TTX-EYE = 0.75 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.25 UI for the
transmitter collected over any 250 consecutive transmitter UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER median is less than half of
the total transmitter jitter budget collected over any 250 consecutive transmitter UIs. It should be noted that the median is not
the same as the mean. The jitter median describes the point in time where the number of jitter points on either side is
approximately equal as opposed to the averaged time value.
4. The chip’s SerDes transmitter does not have CTX built-in. An external AC coupling capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com