Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors P5021 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
109
This table defines the PCI Express 2.0 (5 GT/s) DC specifications for the differential output at all transmitters. The parameters
are specified at the component pins.
2.20.4.4
PCI Express DC physical layer receiver specifications
This section discusses the PCI Express DC physical layer receiver specifications 2.5 GT/s, and 5 GT/s.
This table defines the DC specifications for the PCI Express 2.0 (2.5 GT/s) differential input at all receivers. The parameters are
specified at the component pins.
Table 63. PCI Express 2.0 (5 GT/s) differential transmitter output DC specifications
(XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential peak-to-peak
output voltage
VTX-DIFFp-p
800
—
1200
mV
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D-| See Note 1.
Low Power differential
peak-to-peak output voltage
VTX-DIFFp-p_low
400
500
1200
mV
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D-| See Note 1.
De-emphasized differential
output voltage (ratio)
VTX-DE-RATIO-3.5dB
3.0
3.5
4.0
dB
Ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by the
VTX-DIFFp-p of the first bit after a transition. See
Note 1.
De-emphasized differential
output voltage (ratio)
VTX-DE-RATIO-6.0dB
5.5
6.0
6.5
dB
Ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by the
VTX-DIFFp-p of the first bit after a transition. See
Note 1.
DC differential transmitter
impedance
ZTX-DIFF-DC
80
100
120
Ω
Transmitter DC differential mode low
impedance
Transmitter DC Impedance ZTX-DC
40
50
60
Ω
Required transmitter D+ as well as D– DC
impedance during all states
Note:
1. Measured at the package pins with a test load of 50
Ω to GND on each pin.
Table 64. PCI Express 2.0 (2.5 GT/s) differential receiver input DC specifications (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max Units
Notes
Differential input peak-to-peak voltage
VRX-DIFFp-p
120
—
1200
mV
VRX-DIFFp-p = 2 × |VRX-D+ – VRX-D-|
See Note 1.
DC differential input impedance
ZRX-DIFF-DC
80
100
120
Ω
Receiver DC differential mode
impedance.
See Note 2
DC input impedance
ZRX-DC
40
50
60
Ω
Required receiver D+ as well as D–
DC Impedance (50 ±20%
tolerance).
See Notes 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com