Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
108
2.20.4
PCI Express
This section describes the clocking dependencies, DC and AC electrical specifications for the PCI Express bus.
2.20.4.1
Clocking dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm) of each other at all
times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
2.20.4.2
PCI Express clocking requirements for SD_REF_CLKn and
SD_REF_CLKn
SerDes banks 1–2 (SD_REF_CLK[1:2] and SD_REF_CLK[1:2]) may be used for various SerDes PCI Express configurations
based on the RCW Configuration field SRDS_PRTCL. PCI Express is not supported on SerDes bank 3.
For more information on these specifications, see Section 2.20.2, “SerDes reference clocks.”
2.20.4.3
PCI Express DC physical layer specifications
This section contains the DC specifications for the physical layer of PCI Express on this device.
2.20.4.3.1
PCI Express DC physical layer transmitter specifications
This section discusses the PCI Express DC physical layer transmitter specifications for 2.5 GT/s and 5 GT/s.
This table defines the PCI Express 2.0 (2.5 GT/s) DC specifications for the differential output at all transmitters. The parameters
are specified at the component pins.
Table 62. PCI Express 2.0 (2.5 GT/s) differential transmitter output DC specifications
(XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential peak-to-peak
output voltage
VTX-DIFFp-p
800
—
1200
mV
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D-| See Note 1.
De-emphasized differential
output voltage (ratio)
VTX-DE-RATIO
3.0
3.5
4.0
dB
Ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by the
VTX-DIFFp-p of the first bit after a transition. See
Note 1.
DC differential transmitter
impedance
ZTX-DIFF-DC
80
100
120
Ω
Transmitter DC differential mode low Impedance
Transmitter DC impedance ZTX-DC
40
50
60
Ω
Required transmitter D+ as well as D– DC
Impedance during all states
Note:
1. Measured at the package pins with a test load of 50
Ω to GND on each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com