Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 100Page - NXP Semiconductors P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
104
The characteristics of the clock signals are as follows:
•
The SerDes transceivers core power supply voltage requirements (SVDD) are as specified in Section 2.1.2,
“Recommended operating conditions.”
•
The SerDes reference clock receiver reference circuit structure is as follows:
—The SD_REF_CLKn and SD_REF_CLKn are internally AC-coupled differential inputs as shown in Figure 36.
Each differential clock input (SD_REF_CLKn or SD_REF_CLKn) has on-chip 50-
Ω termination to SGND
followed by on-chip AC-coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. See the differential mode and
single-ended mode descriptions below for detailed requirements.
•
The maximum average current requirement also determines the common mode voltage range.
— When the SerDes reference clock differential inputs are DC coupled externally with the clock driver chip, the
maximum average current allowed for each input pin is 8 mA. In this case, the exact common mode input voltage
is not critical as long as it is within the range allowed by the maximum average current of 8 mA because the input
is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4 V (0.4 V
÷ 50 = 8 mA)
while the minimum common mode input level is 0.1 V above SGND. For example, a clock with a 50/50 duty cycle
can be produced by a clock driver with output driven by its current source from 0 mA to 16 mA (0–0.8 V), such
that each phase of the differential input has a single-ended swing from 0 V to 800 mV with the common mode
voltage at 400 mV.
— If the device driving the SD_REF_CLKn and SD_REF_CLKn inputs cannot drive 50
Ω to SGND DC or the drive
strength of the clock driver chip exceeds the maximum input current limitations, it must be AC-coupled off-chip.
•
The input amplitude requirement is described in detail in the following sections.
2.20.2.2
DC-level requirement for SerDes reference clocks
The DC level requirement for the SerDes reference clock inputs is different depending on the signaling mode used to connect
the clock driver chip and SerDes reference clock inputs, as described below:
•
Differential Mode
— The input amplitude of the differential clock must be between 400 mV and 1600 mV differential peak-peak (or
between 200 mV and 800 mV differential peak). In other words, each signal wire of the differential pair must have
a single-ended swing of less than 800 mV and greater than 200 mV. This requirement is the same for both external
DC-coupled or AC-coupled connection.
— For an external DC-coupled connection, as described in Section 2.20.2.1, “SerDes reference clock receiver
characteristics,” the maximum average current requirements sets the requirement for average voltage (common
mode voltage) as between 100 mV and 400 mV. Figure 37 shows the SerDes reference clock input requirement
for DC-coupled connection scheme.
Figure 37. Differential reference clock input DC requirements (external DC-coupled)
SD_REF_CLKn
SD_REF_CLKn
Vmax
< 800 mV
Vmin
> 0V
100 mV
< Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com