Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 98Page - NXP Semiconductors P5021 Datasheet HTML 99Page - NXP Semiconductors P5021 Datasheet HTML 100Page - NXP Semiconductors P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
102
This figure shows how the signals are defined. For illustration purposes only, one SerDes lane is used in the description. This
figure shows the waveform for either a transmitter output (SD_TXn and SD_TXn) or a receiver input (SD_RXn and SD_RXn).
Each signal swings between A volts and B volts where A > B.
Figure 35. Differential voltage definitions for transmitter or receiver
Using this waveform, the definitions are as shown in the following list. To simplify the illustration, the definitions assume that
the SerDes transmitter and receiver operate in a fully symmetrical differential signaling environment:
Single-Ended Swing
The transmitter output signals and the receiver input signals SD_TXn, SD_TXn, SD_RXn and
SD_RXn each have a peak-to-peak swing of A – B volts. This is also referred as each signal wire’s
single-ended swing.
Differential Output Voltage, VOD (or Differential Output Swing):
The differential output voltage (or swing) of the transmitter, VOD, is defined as the difference of
the two complementary output voltages: VSD_TXn – VSD_TXn. The VOD value can be either
positive or negative.
Differential Input Voltage, VID (or Differential Input Swing):
The differential input voltage (or swing) of the receiver, VID, is defined as the difference of the two
complementary input voltages: VSD_RXn – VSD_RXn. The VID value can be either positive or
negative.
Differential Peak Voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as the differential peak voltage, VDIFFp = |A – B| volts.
Differential Peak-to-Peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver
each range from A – B to –(A – B) volts, the peak-to-peak value of the differential transmitter
output signal or the differential receiver input signal is defined as differential peak-to-peak voltage,
VDIFFp-p = 2 × VDIFFp = 2 × |(A – B)| volts, which is twice the differential swing in amplitude, or
twice of the differential peak. For example, the output differential peak-peak voltage can also be
calculated as VTX-DIFFp-p = 2 × |VOD|.
Differential Waveform
The differential waveform is constructed by subtracting the inverting signal (SD_TXn, for
example) from the non-inverting signal (SD_TXn, for example) within a differential pair. There is
only one signal trace curve in a differential waveform. The voltage represented in the differential
Differential Swing, VID or VOD = A – B
A Volts
B Volts
SD_TXn
or
SD_RXn
SD_TXn
or
SD_RXn
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2 × VDIFFp (not shown)
Vcm = (A + B)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com